Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS8L2 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BGS8L2
Description  SiGe:C Low-noise amplifier MMIC with bypass switch for LTE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8L2 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BGS8L2 Datasheet HTML 6Page - NXP Semiconductors BGS8L2 Datasheet HTML 7Page - NXP Semiconductors BGS8L2 Datasheet HTML 8Page - NXP Semiconductors BGS8L2 Datasheet HTML 9Page - NXP Semiconductors BGS8L2 Datasheet HTML 10Page - NXP Semiconductors BGS8L2 Datasheet HTML 11Page - NXP Semiconductors BGS8L2 Datasheet HTML 12Page - NXP Semiconductors BGS8L2 Datasheet HTML 13Page - NXP Semiconductors BGS8L2 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
NXP Semiconductors
BGS8L2
SiGe:C Low-noise amplifier MMIC with bypass switch for LTE
BGS8L2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 6 — 29 June 2018
COMPANY PUBLIC
10 / 18
Table 9. Characteristics at VCC = 2.8 V
460 MHz ≤ f ≤ 960 MHz, VCC = 2.8 V, VI(CTRL) ≥ 0.8 V and Tamb = 25 °C. Input matched to 50 Ω using application diagram
figure 3 and component values as in table 10.. Unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gain mode
ICC
supply current
3.2
5.2
7.2
mA
f = 470 MHz, L1 = 18 nH
[1] 12.0
14.0
16.0
dB
f = 650 MHz, L1 = 18 nH
[1] 13.0
15.0
17.0
dB
f = 740 MHz, L1 = 18 nH
[1] [2] 12.0
14.0
16.0
dB
f = 740 MHz, L1 = 8.2 nH
[1] [2] 11.5
13.5
15.5
dB
f = 882 MHz, L1 = 8.2 nH
[3] 11
13.0
15
dB
Gp
power gain
f = 943 MHz, L1 = 8.2 nH
[1] [4] 10.5
12.5
14.5
dB
f = 470 MHz, L1 = 18 nH
[5] -
4.5
-
dB
f = 650 MHz, L1 = 18 nH
-
12.5
-
dB
f = 740 MHz, L1 = 18 nH
[2] -
11.5
-
dB
f = 740 MHz, L1 = 8.2 nH
[2] -
8.0
-
dB
f = 882 MHz, L1 = 8.2 nH
[3] -
12.0
-
dB
RLin
input return loss
f = 943 MHz, L1 = 8.2 nH
[4] -
14.0
-
dB
f = 470 MHz, L1 = 18 nH
-
9.5
-
dB
f = 650 MHz, L1 = 18 nH
-
20.5
-
dB
f = 740 MHz, L1 = 18 nH
[2] -
20.0
-
dB
f = 740 MHz, L1 = 8.2 nH
[2] -
21.0
-
dB
f = 882 MHz, L1 = 8.2 nH
[3] -
12.5
-
dB
RLout
output return loss
f = 943 MHz, L1 = 8.2 nH
[4] -
10.5
-
dB
f = 470 MHz, L1 = 18 nH
-
28.0
-
dB
f = 650 MHz, L1 = 18 nH
-
24.0
-
dB
f = 740 MHz, L1 = 18 nH
[2] -
23.0
-
dB
f = 740 MHz, L1 = 8.2 nH
[2] -
23.0
-
dB
f = 882 MHz, L1 = 8.2 nH
[3] -
22.0
-
dB
ISL
isolation
f = 943 MHz, L1 = 8.2 nH
[4] -
21.5
-
dB
f = 470 MHz, L1 = 18 nH
[1] [6] -
0.85
1.30
dB
f = 650 MHz, L1 = 18 nH
[1] [6] -
0.90
1.35
dB
f = 740 MHz, L1 = 18 nH
[1] [2] [6] -
0.95
1.40
dB
f = 740 MHz, L1 = 8.2 nH
[1] [2] [6] -
0.85
1.3
dB
f = 882 MHz, L1 = 8.2 nH
[3] [6] -
0.85
1.3
dB
NF
noise figure
f = 943 MHz, L1 = 8.2 nH
[1] [4] [6] -
0.85
1.3
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com