Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS8M2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BGS8M2
Description  SiGe:C low-noise amplifier MMIC with bypass switch for LTE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8M2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BGS8M2 Datasheet HTML 2Page - NXP Semiconductors BGS8M2 Datasheet HTML 3Page - NXP Semiconductors BGS8M2 Datasheet HTML 4Page - NXP Semiconductors BGS8M2 Datasheet HTML 5Page - NXP Semiconductors BGS8M2 Datasheet HTML 6Page - NXP Semiconductors BGS8M2 Datasheet HTML 7Page - NXP Semiconductors BGS8M2 Datasheet HTML 8Page - NXP Semiconductors BGS8M2 Datasheet HTML 9Page - NXP Semiconductors BGS8M2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DRAFT DRAFT DRAFT DRAFT DRAFT DRAFT
DRAFT DRAFT DRAFT DRAFT DRAFT
DRAFT DRAFT DRAFT DRAFT
DRAFT DRAFT DRAFT
DRAFT DRAFT
DRAFT
NXP Semiconductors
BGS8M2
SiGe:C low-noise amplifier MMIC with bypass switch for LTE
BGS8M2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 13 June 2018
COMPANY CONFIDENTIAL
6 / 15
9 Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
See legal section: "disclaimers" paragraph "Limiting values".
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
RF input AC coupled
[1] -0.5
+5.0
V
VI(CTRL)
input voltage on pin CTRL
VI(CTRL) < VCC + 0.6 V
[1][2] -0.5
+5.0
V
VI(RF_IN)
input voltage on pin RF_IN
DC, VI(RF_IN) < VCC + 0.6 V
[1][2] -0.5
+5.0
V
VI(RF_OUT)
input voltage on pin RF_OUT
DC, VI(RF_OUT) < VCC + 0.6 V
[1][2][3] -0.5
+5.0
V
Pi
input power
[1] -
26
dBm
Ptot
total power dissipation
Tsp ≤ 130 °C
-
55
mW
Tstg
storage temperature
-65
+150
°C
Tj
junction temperature
-
150
°C
Human Body Model (HBM) according to
ANSI/ESDA/JEDEC standard JS-001
-
±2
kV
VESD
electrostatic discharge voltage
Charged Device Model (CDM) according to
JEDEC standard JESD22-C101C
-
±1
kV
[1]
Stresses with pulses of 1 s in duration. VCC connected to a power supply of 2.8 V with 500 mA current limit.
[2]
Warning: Due to internal ESD diode protection, to avoid excess current, the applied DC voltage must not exceed VCC + 0.6 V or 5.0 V.
[3]
The RF input and RF output are AC coupled through internal DC blocking capacitors.
10 Recommended operating conditions
Table 6. Operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
1.5
-
3.1
V
Tamb
ambient temperature
-40
+25
+85
°C
bypass mode
-
-
0.3
V
VI(CTRL)
input voltage on pin CTRL
ON state
0.8
-
VCC
V
11 Thermal characteristics
Table 7. Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction to
solder point
225
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com