Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS8M2 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BGS8M2
Description  SiGe:C low-noise amplifier MMIC with bypass switch for LTE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8M2 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BGS8M2 Datasheet HTML 4Page - NXP Semiconductors BGS8M2 Datasheet HTML 5Page - NXP Semiconductors BGS8M2 Datasheet HTML 6Page - NXP Semiconductors BGS8M2 Datasheet HTML 7Page - NXP Semiconductors BGS8M2 Datasheet HTML 8Page - NXP Semiconductors BGS8M2 Datasheet HTML 9Page - NXP Semiconductors BGS8M2 Datasheet HTML 10Page - NXP Semiconductors BGS8M2 Datasheet HTML 11Page - NXP Semiconductors BGS8M2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
DRAFT DRAFT DRAFT DRAFT DRAFT DRAFT
DRAFT DRAFT DRAFT DRAFT DRAFT
DRAFT DRAFT DRAFT DRAFT
DRAFT DRAFT DRAFT
DRAFT DRAFT
DRAFT
NXP Semiconductors
BGS8M2
SiGe:C low-noise amplifier MMIC with bypass switch for LTE
BGS8M2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 13 June 2018
COMPANY CONFIDENTIAL
8 / 15
Symbol Parameter
Conditions
Min
Typ Max Unit
Bypass mode
ICC
supply current
VI(CTRL) < 0.3 V
-
-
1
µA
f = 1843 MHz
[1][2] -3.6
-2.1 -0.6 dB
f = 1960 MHz
[1][4] -4.0
-2.2 -0.7 dB
Gp
power gain
f = 2140 MHz
[1][3] -4.0
-2.5 -1.0 dB
f = 1843 MHz
[2] -
12.0 -
dB
f = 1960 MHz
[4] -
11.0 -
dB
RLin
input return loss
f = 2140 MHz
[3] -
10.0 -
dB
f = 1843 MHz
[2] -
10.0 -
dB
f = 1960 MHz
[4] -
9.5
-
dB
RLout
output return loss
f = 2140 MHz
[3] -
9.0
-
dB
[1]
Guaranteed by device design; not tested in production.
[2]
E-UTRA operating band 3 (1805 MHz to 1880 MHz).
[3]
E-UTRA operating band 1 (2110 MHz to 2170 MHz).
[4]
E-UTRA operating band 2 (1930 MHz to 1990 MHz).
[5]
PCB losses are subtracted.
Table 9. Characteristics at VCC = 2.8 V
1805 MHz ≤ f ≤ 2200 MHz, VCC = 2.8 V, VI(CTRL) ≥ 0.8 V and Tamb = 25 °C. Input matched to 50 Ω using a 3.9 nH inductor in
series. Unless otherwise specified.
Symbol Parameter
Conditions
Min Typ Max Unit
between gain mode and bypass mode
f = 1843 MHz
-
-
-
deg
f = 1960 MHz
[1] -5.0 -
+5.0 deg
Δφ
phase variation
f = 2140 MHz
-
-
-
deg
Gain mode
ICC
supply current
3.8
5.8
7.8
mA
f = 1843 MHz
[1][2] 12.5 14.5 16.5 dB
f = 1960 MHz
[3] 12.4 14.4 16.4 dB
Gp
power gain
f = 2140 MHz
[1][4] 11.7 13.7 15.7 dB
f = 1843 MHz
[2] -
5.5
-
dB
f = 1960 MHz
[3] -
6.5
-
dB
RLin
input return loss
f = 2140 MHz
[4] -
7.5
-
dB
f = 1843 MHz
[2] -
12.0 -
dB
f = 1960 MHz
[3] -
12.0 -
dB
RLout
output return loss
f = 2140 MHz
[4] -
11.0 -
dB
f = 1843 MHz
[2] -
25.0 -
dB
f = 1960 MHz
[3] -
24.0 -
dB
ISL
isolation
f = 2140 MHz
[4] -
23.0 -
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com