Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGS8M2 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BGS8M2
Description  SiGe:C low-noise amplifier MMIC with bypass switch for LTE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8M2 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BGS8M2 Datasheet HTML 6Page - NXP Semiconductors BGS8M2 Datasheet HTML 7Page - NXP Semiconductors BGS8M2 Datasheet HTML 8Page - NXP Semiconductors BGS8M2 Datasheet HTML 9Page - NXP Semiconductors BGS8M2 Datasheet HTML 10Page - NXP Semiconductors BGS8M2 Datasheet HTML 11Page - NXP Semiconductors BGS8M2 Datasheet HTML 12Page - NXP Semiconductors BGS8M2 Datasheet HTML 13Page - NXP Semiconductors BGS8M2 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DRAFT DRAFT DRAFT DRAFT DRAFT DRAFT
DRAFT DRAFT DRAFT DRAFT DRAFT
DRAFT DRAFT DRAFT DRAFT
DRAFT DRAFT DRAFT
DRAFT DRAFT
DRAFT
NXP Semiconductors
BGS8M2
SiGe:C low-noise amplifier MMIC with bypass switch for LTE
BGS8M2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 13 June 2018
COMPANY CONFIDENTIAL
10 / 15
13 Application information
13.1 LTE LNA
aaa-006409
6
L1
2
1
4
3
RFout
RFin
VCTRL
Vcc
C1
5
IC1
For a list of components, see Table 10.
Figure 3. Schematics LTE LNA evaluation board
Table 10. List of components
For schematics, see Figure 3.
Component Description
Value
Remarks
C1
decoupling capacitor
1 µF
to suppress power supply noise
IC1
BGS8M2
-
NXP Semiconductors
L1
high-quality matching inductor
3.9 nH Murata LQW15A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com