Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950901 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS950901
Description  Programmable Timing Control Hub for P4
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950901 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS950901 Datasheet HTML 7Page - Integrated Circuit Systems ICS950901 Datasheet HTML 8Page - Integrated Circuit Systems ICS950901 Datasheet HTML 9Page - Integrated Circuit Systems ICS950901 Datasheet HTML 10Page - Integrated Circuit Systems ICS950901 Datasheet HTML 11Page - Integrated Circuit Systems ICS950901 Datasheet HTML 12Page - Integrated Circuit Systems ICS950901 Datasheet HTML 13Page - Integrated Circuit Systems ICS950901 Datasheet HTML 14Page - Integrated Circuit Systems ICS950901 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
Third party brands and names are the property of their respective owners.
Integrated
Circuit
Systems, Inc.
ICS950901
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . . . . . . 0°C to +70°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters.
TA = 0 - 70C; Supply Voltage VDD = 3.3 V + - 5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
Vih
2VDD+0.3
V
Input Low Voltage
Vil
VSS-0.3
0.8
V
Input High Current
Iih
Vin = VDD
-5
5
mA
Input Low Current
Iil1
Vin = 0 V; Inputs with no pull-up resistors
-5
mA
Input Low Current
IIL2
Vin = 0 V; Inputs with no pull-up resistors
-200
mA
Operating
IDD3.3OP
Cl = 0 pF; Select @ 66M
100
mA
Supply Current
Cl = Full load @ 133.3 MHz
181
280
mA
Power Down
IREF=2.32mA
13
20
mA
Supply Current
IDD3.3PD
IREF= 5mA
37
mA
Input frequency
Fi
VDD = 3.3 V;
MHz
Pin Inductance
Lpin
7nH
CIN
Logic Inputs
5
pF
Input Capacitance1
Cout
Output pin capacitance
6
pF
CINX
X1 & X2 pins
27
45
pF
Transition Time1
Ttrans
To 1st crossing of target Freq.
3
ms
Settling Time1
Ts
From 1st crossing to 1% target Freq.
3
ms
Clk Stabilization1
TSTAB
From VDD = 3.3V to 1% target Freq.
3
ms
tPZH,tPZH
output enable delay (all outputs)
1
10
ns
tPLZ,tPZH
output disable delay (all outputs)
1
10
ns
1 Guarenteed by design, not 100% tested in production.
Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com