Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950901 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS950901
Description  Programmable Timing Control Hub for P4
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950901 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS950901 Datasheet HTML 10Page - Integrated Circuit Systems ICS950901 Datasheet HTML 11Page - Integrated Circuit Systems ICS950901 Datasheet HTML 12Page - Integrated Circuit Systems ICS950901 Datasheet HTML 13Page - Integrated Circuit Systems ICS950901 Datasheet HTML 14Page - Integrated Circuit Systems ICS950901 Datasheet HTML 15Page - Integrated Circuit Systems ICS950901 Datasheet HTML 16Page - Integrated Circuit Systems ICS950901 Datasheet HTML 17Page - Integrated Circuit Systems ICS950901 Datasheet HTML 18Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
Third party brands and names are the property of their respective owners.
Integrated
Circuit
Systems, Inc.
ICS950901
Electrical Characteristics - IOAPIC
TA = 0 - 70º C; VDD = 3.3V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
Voh4b
Ioh = -12 mA
2
V
Output Low Voltage
Vol4b
Iol = 12 mA
0.4
V
Output High Current
Ioh4b
Voh = 1.7 V
-19
mA
Output Low Current
Iol4b
Vol = 0.7 V
19
mA
Rise Time1
Tr4B
Vol = 0.4 V, VOH = 2.0 V
1.16
2
ns
Fall Time1
Tf4B
Voh = 2.0 V, VOL = 0.4 V
1.09
2
ns
Duty Cycle1
Dt4B
Vt = 1.25 V
45
49.9
55
%
Jitter, One Sigma1
Tj1s4B
Vt = 1.25 V
0.5
ns
Jitter, Absolute1
Tjabs4B
Vt = 1.25 V
-1
1
ns
Jitter, Cycle to Cycle
Normal
Vt = 1.25 V
89
250
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - 48MHz
TA = 0 - 70C; VDD = 3.3V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO
Vo = VDD*(0.5)
48
MHz
Output Impedance
RDSN1
Vo = VDD*(0.5)
12
55
Ω
Output High Voltage
VOH1
Ioh = -1 mA
2.4
V
Output Low Voltage
VOL1
Iol = 1 mA
0.55
V
Output High Current
IOH1
VOH@ MIN = 1.0 V, VOH@ MAX = 3.135 V
-29
-23
mA
Output Low Current
IOL1
VOL@ MIN = 1.95 V, VOL@ MAX= 0.4 V
29
27
mA
48DOT Rise Time
tr1
Vol = 0.4 V, Voh = = 2.4 V
0.5
1.32
1
ns
48DOT Fall Time
tf1
Voh = 2.4 V, Vol = 0.4 V
0.5
1.28
1
ns
VCH 48 USB Rise
Time
tr
Vol = 0.4 V, Voh = 2.4 V
1
1.32
2
ns
VCH 48 USB Fall Time
tf1
Voh = 2.4 V, Vol = 0.4 V
1
1.26
2
ns
48 DOT to 48 USB
Skew
tskew1
Vt = 1.5 V
0.3
1
ns
Duty Cycle
dt1
Vt = 1.5 V
45
52.7
55
%
Jitter
tjcyc-cyc
Vt = 1.5 V
119
350
ps
1Guarenteed by design, not 100% tested in production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com