Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950901 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS950901
Description  Programmable Timing Control Hub for P4
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950901 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS950901 Datasheet HTML 8Page - Integrated Circuit Systems ICS950901 Datasheet HTML 9Page - Integrated Circuit Systems ICS950901 Datasheet HTML 10Page - Integrated Circuit Systems ICS950901 Datasheet HTML 11Page - Integrated Circuit Systems ICS950901 Datasheet HTML 12Page - Integrated Circuit Systems ICS950901 Datasheet HTML 13Page - Integrated Circuit Systems ICS950901 Datasheet HTML 14Page - Integrated Circuit Systems ICS950901 Datasheet HTML 15Page - Integrated Circuit Systems ICS950901 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
Third party brands and names are the property of their respective owners.
Integrated
Circuit
Systems, Inc.
ICS950901
Electrical Characteristic - CPUCLKC/T
TA = 0 - 70º C; VDD = 3.3 V +/-5%; (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Current Source Output
Impedance
Zo
Vo = Vx
3000
Ω
Output High Voltage
Voh
Vr = 475W +1%; IREF=2.32mA; Ioh =
6*IREF
0.71
1.2
V
Output High Current
Ioh
-13.92
mA
Rise Time1
tr
Vol = 20%, Voh = 80%, 0.175 - 0.525 V
175
263
700
ps
Differential Crossover
Vx
45
50
55
%
Duty Cycle1
dt
Vt = 50%
45
51
55
%
Skew1, CPU to CPU
tsk
Vt = 50%
55
150
ps
Jitter, Cycle-to-cycle1
tjcyc-cyc
Vt = Vx
105
200
ps
Notes:
1 - Guaranteed by design, not 100% tested in production.
Electrical Characteristics - CPUCLKTC_CS
TA = 0 - 70º C; VDD = 2.5V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
Voh2b
Ioh = -12.0 mA
2
V
Output Low Voltage
Vol2b
Iol = 12 mA
0.4
V
Output High Current
Ioh2b
Voh = 1.7 V
-19
mA
Output Low Current
Iol2b
Vol = 0.7 V
19
mA
Rise Time
tr2B
Vol = 0.4 V, Voh = 2.0 V
0.75
1.6
ns
Differential Crossover
Vx
45
50
55
%
Duty Cycle
dt2B
Vt = 1.25 V, Typ: crossing
45
50.9
55
%
Skew
tsk2B
Vt = 1.25 V
175
ps
Jitter, Cycle-to-cycle
tjcyc-cyc2B Vt = 1.25 V
155
250
ps
Jitter, One Sigma
tj1s2B
Vt = 1.25 V
150
ps
Jitter, Absolute
tjabs2B
Vt = 1.25 V
-250
250
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com