Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL8516T Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SSL8516T
Description  Greenchip PFC and flyback controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL8516T Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SSL8516T Datasheet HTML 12Page - NXP Semiconductors SSL8516T Datasheet HTML 13Page - NXP Semiconductors SSL8516T Datasheet HTML 14Page - NXP Semiconductors SSL8516T Datasheet HTML 15Page - NXP Semiconductors SSL8516T Datasheet HTML 16Page - NXP Semiconductors SSL8516T Datasheet HTML 17Page - NXP Semiconductors SSL8516T Datasheet HTML 18Page - NXP Semiconductors SSL8516T Datasheet HTML 19Page - NXP Semiconductors SSL8516T Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
SSL8516T
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 5 May 2014
16 of 33
NXP Semiconductors
SSL8516T
Greenchip PFC and flyback controller
7.3.6 Soft-start (FBSENSE pin)
To prevent audible transformer noise during start-up, the soft-start function slowly
increases the transformer peak current. Place a capacitor CSS2 in parallel with resistor
RSS2 (see Figure 13) to implement the soft-start function.
An internal current source charges the capacitor to:
(5)
with a maximum of 0.55 V.
The start level and the time constant of the increasing primary current level can be
adjusted externally by changing the values of RSS2 and CSS2.
(6)
The soft-start current Istart(soft)fb switches on when VCC reaches Vstartup. When the
VFBSENSE reaches 0.55 V, the flyback converter starts switching.
The charging current Istart(soft)fb flows when the VFBSENSE is < 0.55 V. If VFBSENSE exceeds
0.55 V, the soft-start current source starts limiting the current. After the flyback converter
has started, the soft-start current source is switched off.
Fig 11. Time-out protection circuit
Fig 12. SSL8516T time-out protection (signals) and safe restart
VI
start soft
fb
R
SS2
=
start soft
fb
3R
SS2
C
SS2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com