Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL8516T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SSL8516T
Description  Greenchip PFC and flyback controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL8516T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SSL8516T Datasheet HTML 9Page - NXP Semiconductors SSL8516T Datasheet HTML 10Page - NXP Semiconductors SSL8516T Datasheet HTML 11Page - NXP Semiconductors SSL8516T Datasheet HTML 12Page - NXP Semiconductors SSL8516T Datasheet HTML 13Page - NXP Semiconductors SSL8516T Datasheet HTML 14Page - NXP Semiconductors SSL8516T Datasheet HTML 15Page - NXP Semiconductors SSL8516T Datasheet HTML 16Page - NXP Semiconductors SSL8516T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
SSL8516T
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 5 May 2014
13 of 33
NXP Semiconductors
SSL8516T
Greenchip PFC and flyback controller
Valley switching is active in all operating modes.
To prevent high frequency operation at lower loads, the quasi-resonant operation switches
to discontinuous mode operation with valley skipping. When the frequency limit is
reached, the quasi-resonant operation changes to DCM with valley skipping. The
frequency limit reduces the MOSFET switch-on losses and conducted EMI.
At medium and low power levels, the controller enters Frequency Reduction (FR) mode. A
Voltage Controlled Oscillator (VCO) controls the frequency. During frequency reduction
mode, the primary peak current is kept at an adjustable minimal level to maintain a high
efficiency. Valley switching is also active in this mode.
In frequency reduction mode, the PFC controller switches off when the flyback switching
frequency has dropped to below 53 kHz and VPFCTIMER has reached 3 V. The flyback
maximum frequency changes linearly with the control VFBCTRL (see Figure 8). Hysteresis
is added to ensure a stable PFC switch-on and switch-off. In no-load operation, the
switching frequency is reduced to (almost) zero.
7.3.2 Valley switching (HV pin)
A new cycle starts when the external MOSFET is switched on. VFBSENSE and VFBCTRL
determine the on-time. The MOSFET is then switched off and the secondary stroke starts
(see Figure 9). After the secondary stroke, the drain voltage shows an oscillation with a
frequency of approximately:
(3)
where Lp is the primary self-inductance of the flyback transformer and Cd is the
capacitance on the drain node.
When the secondary stroke ends and the internal oscillator voltage is high again, the
circuit waits for the lowest drain voltage before starting a new primary stroke.
Fig 8.
Flyback frequency control
f
1
2
L
p
C
d


---------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com