Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL8516T Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SSL8516T
Description  Greenchip PFC and flyback controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL8516T Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SSL8516T Datasheet HTML 22Page - NXP Semiconductors SSL8516T Datasheet HTML 23Page - NXP Semiconductors SSL8516T Datasheet HTML 24Page - NXP Semiconductors SSL8516T Datasheet HTML 25Page - NXP Semiconductors SSL8516T Datasheet HTML 26Page - NXP Semiconductors SSL8516T Datasheet HTML 27Page - NXP Semiconductors SSL8516T Datasheet HTML 28Page - NXP Semiconductors SSL8516T Datasheet HTML 29Page - NXP Semiconductors SSL8516T Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
SSL8516T
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 5 May 2014
26 of 33
NXP Semiconductors
SSL8516T
Greenchip PFC and flyback controller
[1]
A typical application with a compensation network on the PFCCOMP pin, such as the example in Figure 3.
[2]
The clamp voltage on the PFCCOMP pin is dependent on the VINSENSE voltage. When the VVINSENSE rises above
Vth(sel)clmp +Vth(sel)clmp(hys), the high clamp level is active. When the voltage on the VINSENSE pin drops below the Vth(sel)clmp level
again, the low clamp level is active.
[3]
Guaranteed by design.
Temperature protection
Tpl(IC)
IC protection level
temperature
135
145
155
C
Tpl(IC)hys
hysteresis of IC
protection level
temperature
[3] -10
-
C
Table 5.
Characteristics …continued
Tamb =25 C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are positive when flowing into
the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com