Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL-ISOLATOR-1000-RJ Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # FL-ISOLATOR-1000-RJ
Description  No power supply required
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

FL-ISOLATOR-1000-RJ Datasheet(HTML) 3 Page - PHOENIX CONTACT

  FL-ISOLATOR-1000-RJ Datasheet HTML 1Page - PHOENIX CONTACT FL-ISOLATOR-1000-RJ Datasheet HTML 2Page - PHOENIX CONTACT FL-ISOLATOR-1000-RJ Datasheet HTML 3Page - PHOENIX CONTACT FL-ISOLATOR-1000-RJ Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2313915
08/14/2018   Page 3 / 4
Network isolator - FL ISOLATOR 1000-RJ/RJ - 2313915
Technical data
Standards and Regulations
Standards/regulations
EN 61000-4-4
Comments
Criterion B
Standards/regulations
EN 61000-4-5
Signal
± 1 kV (Data line, asymmetrical)
Standards/regulations
EN 61000-6-4
EN 61000-4-6
Frequency range
0.15 MHz ... 80 MHz
Standards/regulations
EN 50121 and EN 50155 (for railway applications)
UL, USA/Canada
508 Listed
Noxious gas test
ISA-S71.04-1985 G3 Harsh Group A
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings
Block diagram
1,5nF
7,2M
RJ45
RJ45
Port1
Port2
Dimensional drawing
FLISOLATOR1000-RJ/RJ
Ord.-No.:2313915
ETH
ETH
92,5
22,5
Schematic diagram
FLISOLATOR1000-RJ/RJ
Ord.-No.:2313915
ETH
ETH
10/100/1000
MBit/s
10/100/1000
MBit/s
l
Approvals
Approvals



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com