Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL-ISOLATOR-1000-RJ Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # FL-ISOLATOR-1000-RJ
Description  No power supply required
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

FL-ISOLATOR-1000-RJ Datasheet(HTML) 2 Page - PHOENIX CONTACT

  FL-ISOLATOR-1000-RJ Datasheet HTML 1Page - PHOENIX CONTACT FL-ISOLATOR-1000-RJ Datasheet HTML 2Page - PHOENIX CONTACT FL-ISOLATOR-1000-RJ Datasheet HTML 3Page - PHOENIX CONTACT FL-ISOLATOR-1000-RJ Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2313915
08/14/2018   Page 2 / 4
Network isolator - FL ISOLATOR 1000-RJ/RJ - 2313915
Technical data
Ambient conditions
Permissible humidity (storage/transport)
5 % ... 95 % (non-condensing)
Altitude
5000 m (For restrictions see manufacturer's declaration)
Degree of protection
IP20
General
Electrical isolation
Ethernet // Ethernet
Test voltage data interface/data interface
4 kV AC (50 Hz, 1 min.)
Insulation voltage input/output
250 Vrms
Standards/regulations
EN 50121 and EN 50155 (for railway applications)
Electromagnetic compatibility
Conformance with EMC Directive 2014/30/EU
Net weight
122.3 g
Housing material
PA 6.6-FR
Color
green
MTBF
25932 Years (Telcordia standard, 25°C temperature, 21% operating
cycle (5 days a week, 8 hours a day))
8640 Years (Telcordia standard, 40°C temperature, 34.25% operating
cycle (5 days a week, 12 hours a day))
UL, USA/Canada
508 Listed
Serial interface
Interface 1
Ethernet interface, 10/100/1000Base-T(X) according to IEEE 802.3u
Interface
Ethernet
No. of ports
1
Connection method
RJ45 socket, shielded
Transmission length
≤ 100 m (Total length across both ports (dependent on data rate and
cable used))
Serial transmission speed
10/100/1000 Mbps
Interface 2
Ethernet interface, 10/100/1000Base-T(X) according to IEEE 802.3u
Interface
Ethernet
No. of ports
1
Connection method
RJ45 socket, shielded
Serial transmission speed
10/100/1000 Mbps
Standards and Regulations
Electromagnetic compatibility
Conformance with EMC Directive 2014/30/EU
Type of test
Vibration resistance in acc. with EN 60068-2-6/IEC 60068-2-6
Test result
5g, 10...150 Hz, 2.5 h, in XYZ direction
Type of test
Shock in acc. with EN 60068-2-27/IEC 60068-2-27
Test result
25g, 11 ms period, half-sine shock pulse
Standards/regulations
EN 61000-4-2
Contact discharge
± 6 kV (Test Level 3)
Standards/regulations
EN 61000-4-3
Frequency range
26 MHz ... 3 GHz (Test Level 3)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com