Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL-ISOLATOR-1000-RJ Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # FL-ISOLATOR-1000-RJ
Description  No power supply required
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

FL-ISOLATOR-1000-RJ Datasheet(HTML) 1 Page - PHOENIX CONTACT

  FL-ISOLATOR-1000-RJ Datasheet HTML 1Page - PHOENIX CONTACT FL-ISOLATOR-1000-RJ Datasheet HTML 2Page - PHOENIX CONTACT FL-ISOLATOR-1000-RJ Datasheet HTML 3Page - PHOENIX CONTACT FL-ISOLATOR-1000-RJ Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2313915
08/14/2018   Page 1 / 4
Network isolator - FL ISOLATOR 1000-RJ/RJ - 2313915
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Passive network isolator for electrical isolation in Ethernet networks. This protects Ethernet devices from
potential differences of up to 4 kV. Can be used for transmission speeds of up to 1 Gbps. Possible to connect
two RJ45 plugs.
Why buy this product
 No power supply required
 Dielectric strength of up to 4 kV
 Protection against aggressive environmental influences, particularly harsh industrial environments, thanks to coated PCB
 Approval for railway applications (rolling stock) according to EN 50155 and EN 50121
 Electrical isolation of data cables and cable shielding
 Extended temperature range of -25°C to +85°C
 Mounting on EN DIN rails
 Transmission speed of up to 1000 Mbps
 Continuous insulation voltage of 250 VRMS
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4046356574563
Technical data
Dimensions
Width
22.5 mm
Height
99 mm
Depth
92 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 75 °C
Ambient temperature (storage/transport)
-25 °C ... 85 °C
Permissible humidity (operation)
10 % ... 95 % (non-condensing)


Similar Part No. - FL-ISOLATOR-1000-RJ

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
FL-ISOLATOR-100-RJ PHOENIX-FL-ISOLATOR-100-RJ Datasheet
65Kb / 4P
Protection against aggressive environmental influences, particularly harsh industrial environments, thanks to coated PCB
More results

Similar Description - FL-ISOLATOR-1000-RJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDSADPEMU-20T TI-TMDSADPEMU-20T Datasheet
106Kb / 2P
No power supply required, powered by target board
logo
THine Electronics, Inc.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
No External Clock Required
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
No External Clock Required.
logo
Silicon Laboratories
CPT112S SILABS-CPT112S Datasheet
478Kb / 35P
No firmware development required
logo
PIC GmbH
MS-110X PIC-MS-110X Datasheet
91Kb / 1P
No power supply required
logo
Silicon Laboratories
SI52131-A11A SILABS-SI52131-A11A Datasheet
1Mb / 19P
No termination resistors required
logo
Laird Tech Smart Techno...
900 LSTD-900 Datasheet
689Kb / 1P
No heatsink preheating required
logo
Taoglas antenna solutio...
MMB.A.EXTMA TAOGLAS-MMB.A.EXTMA Datasheet
3Mb / 30P
No Drilling Required
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
No minimum load required
logo
Maxim Integrated Produc...
DS28E17EVKIT MAXIM-DS28E17EVKIT Datasheet
2Mb / 22P
USB Powered with No External Power Supply Required
Rev 0; 6/15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com