Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSI-SC-DNET-CAN Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # PSI-SC-DNET-CAN
Description  High-quality 4-way isolation between all interfaces
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSI-SC-DNET-CAN Datasheet(HTML) 4 Page - PHOENIX CONTACT

  PSI-SC-DNET-CAN Datasheet HTML 1Page - PHOENIX CONTACT PSI-SC-DNET-CAN Datasheet HTML 2Page - PHOENIX CONTACT PSI-SC-DNET-CAN Datasheet HTML 3Page - PHOENIX CONTACT PSI-SC-DNET-CAN Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2313449
08/14/2018   Page 4 / 4
Segment coupler - PSI-SC-DNET CAN - 2313449
Technical data
Standards and Regulations
Signal
± 1 kV
Standards/regulations
EN 55011
EN 61000-4-6
Designation
Air clearances and creepage distances
Standards/regulations
DIN EN 50178, DIN EN 60950
Electrical isolation
according to EN 60950
Shock
15g in all directions in acc. with IEC 60068-2-27
Vibration (operation)
in acc. with IEC 60068-2-6: 5g, 150 Hz
Conformance
CE-compliant
ATEX
 II 3 G Ex nA IIC T4 Gc X
UL, USA/Canada
508 Listed
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Dimensional drawing
121
35
PSI–SC–DNET CAN
Ord.–No. 23 13 449
VCC
NET B
NET A
ACT
PORT B
TERM.
ON
PORT A
TERM.
ON
PORT
A
Application drawing
500kBit/s
125kBit/s
SC
=Switchonbusterminatingresistor
Max.10
Phoenix Contact 2018 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com