Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSI-SC-DNET-CAN Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PSI-SC-DNET-CAN
Description  High-quality 4-way isolation between all interfaces
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSI-SC-DNET-CAN Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PSI-SC-DNET-CAN Datasheet HTML 1Page - PHOENIX CONTACT PSI-SC-DNET-CAN Datasheet HTML 2Page - PHOENIX CONTACT PSI-SC-DNET-CAN Datasheet HTML 3Page - PHOENIX CONTACT PSI-SC-DNET-CAN Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2313449
08/14/2018   Page 1 / 4
Segment coupler - PSI-SC-DNET CAN - 2313449
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Modular segment coupler for electrical isolation and increasing the range for DeviceNet/SDS/CANopen,
data rate of up to 1 Mbps. Different data rates at the interfaces can be configured via software. High-quality
electrical isolation between the interfaces, DIN-rail mountable, 24 V DC supply.
Why buy this product
 Data rates of up to 1 Mbps
 High-quality 4-way isolation between all interfaces
 All connections can be plugged in using a COMBICON screw terminal block
 Approved for use in zone 2
 Can be combined with PSI-MOS FO converters in a modular way thanks to DIN rail connectors
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4046356451857
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
35 mm
Height
111 mm
Depth
121 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Permissible humidity (operation)
30 % ... 95 % (non-condensing)


Similar Part No. - PSI-SC-DNET-CAN

ManufacturerPart #DatasheetDescription
logo
Jonard Tools.
PSI-15 JONARD-PSI-15 Datasheet
440Kb / 1P
Protection Sleeve Insertion Tool
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
0.3 psi to 15 psi Pressure Sensors
Rev A
PSI-D-4V-PRIME ASC-PSI-D-4V-PRIME Datasheet
63Kb / 4P
Industrial Temperature Grade with Voltage Reference
082302
PSI-D-4VPRIME-ND ASC-PSI-D-4VPRIME-ND Datasheet
256Kb / 6P
Industrial Temperature Grade
Rev C
PSI-D-CGRADE ASC-PSI-D-CGRADE Datasheet
174Kb / 4P
C-Grade Pressure Sensors
Rev B
More results

Similar Description - PSI-SC-DNET-CAN

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT530SMX-4 ACT-ACT530SMX-4_12 Datasheet
241Kb / 3P
low cost, 4 & 2pad, high quality
19-09-2012
logo
Pulse A Technitrol Comp...
PE-68386NLT PULSE-PE-68386NLT Datasheet
1Mb / 5P
1500VDC isolation between Gate and Drive
logo
Taoglas antenna solutio...
MA510.C.CG.005 TAOGLAS-MA510.C.CG.005 Datasheet
1Mb / 23P
High Isolation Between Antenna Elements
MA510.C.W.CG.002 TAOGLAS-MA510.C.W.CG.002 Datasheet
1Mb / 25P
High Isolation between Antenna Elements
MA530.C.CG.003 TAOGLAS-MA530.C.CG.003 Datasheet
1Mb / 17P
High Isolation between Antenna Elements
logo
Hotchip Technology Co.,...
PC817 HOTCHIP-PC817 Datasheet
852Kb / 5P
High isolation voltage between inputand output (Viso=5000 V rms )
logo
E&E Magnetic Products L...
834-00002F EEMAGNETIC-834-00002F Datasheet
368Kb / 6P
1500Vdc Isolation between Gate and Drive
834-00012F EEMAGNETIC-834-00012F Datasheet
368Kb / 6P
1500Vdc Isolation between Gate and Drive
834-00032F EEMAGNETIC-834-00032F Datasheet
115Kb / 2P
High Isolation between Gate and Drive
logo
First Silicon Co., Ltd
JC357 FS-JC357 Datasheet
572Kb / 6P
High isolation voltage between input and output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com