Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSI-SC-DNET-CAN Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # PSI-SC-DNET-CAN
Description  High-quality 4-way isolation between all interfaces
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSI-SC-DNET-CAN Datasheet(HTML) 2 Page - PHOENIX CONTACT

  PSI-SC-DNET-CAN Datasheet HTML 1Page - PHOENIX CONTACT PSI-SC-DNET-CAN Datasheet HTML 2Page - PHOENIX CONTACT PSI-SC-DNET-CAN Datasheet HTML 3Page - PHOENIX CONTACT PSI-SC-DNET-CAN Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2313449
08/14/2018   Page 2 / 4
Segment coupler - PSI-SC-DNET CAN - 2313449
Technical data
Ambient conditions
Degree of protection
IP20
Noise immunity
EN 61000-6-2
Serial interface
Interface 1
CAN interface, in accordance with ISO/IS 11898 for DeviceNet, CAN,
CANopen
Operating mode
Semi-duplex
No. of ports
2 (CAN_High / CAN_Low)
Connection method
COMBICON plug-in screw terminal block
File format/coding
Bit stuffing, NRZ
Transmission medium
2-wire twisted pair, shielded
Transmission length
≤ 5000 m (Dependent on the data rate and the protocol used)
Termination resistor
Integrated and ready to be switched
124 Ω, integrated and can be connected
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section flexible min.
0.2 mm²
Conductor cross section flexible max.
2.5 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
14
Serial transmission speed
≤ 1000 kbps
Interface 2
CAN interface, in accordance with ISO/IS 11898 for DeviceNet, CAN,
CANopen
Connection method
COMBICON plug-in screw terminal block
Transmission length
≤ 5000 m (Dependent on the data rate and the protocol used)
Termination resistor
124 Ω, integrated and can be connected
Serial transmission speed
≤ 1000 kbps
Digital outputs
Output name
Relay output
Number of outputs
1
Contact type
N/O contact
Minimum switching voltage
10 V DC
Maximum switching voltage
30 V DC
Limiting continuous current
500 mA
Power supply
Nominal supply voltage
24 V DC
Supply voltage range
10 V DC ... 30 V DC (via pluggable COMBICON screw terminal block)
Max. current consumption
80 mA
Typical current consumption
55 mA (24 V DC)
General
Bit distortion, input
± 35 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com