Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  35-uV Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA821 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA821 Datasheet HTML 4Page - Texas Instruments INA821 Datasheet HTML 5Page - Texas Instruments INA821 Datasheet HTML 6Page - Texas Instruments INA821 Datasheet HTML 7Page - Texas Instruments INA821 Datasheet HTML 8Page - Texas Instruments INA821 Datasheet HTML 9Page - Texas Instruments INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
-250
-200
-150
-100
-50
0
50
100
150
200
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
-600
-500
-400
-300
-200
-100
0
100
200
300
400
Output Offset Voltage(uV)
-300 -240 -180 -120
-60
0
60
120
180
240
300
0
100
200
300
400
500
600
700
800
Output Offset Voltage drift(uV/oC)
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
Input Offset Voltage Drift (PV/qC)
0
5
10
15
20
25
30
35
40
Input Offset Voltage(uV)
-60 -50 -40 -30 -20 -10
0
10
20
30
40
50
60
0
80
160
240
320
400
480
560
640
720
800
8
INA821
SBOS893 – AUGUST 2018
www.ti.com
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6 Typical Characteristics
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
N = 4000
Mean = 1.19 µV
Std. Dev. = 9.23 µV
Figure 1. Typical Distribution of Input Offset Voltage
N = 30
Mean = -0.03 µV/°C
Std. Dev. = 0.085 µV/°C
Figure 2. Typical Distribution of Input Offset Voltage Drift
N = 4000
Mean = -1.9 µV
Std. Dev. = 51.37 µV
Figure 3. Typical Distribution of Output Offset Voltage
N = 30
Mean = –1.4 µV/°C
Std. Dev. = 0.94 µV/°C
Figure 4. Typical Distribution of Output Offset Voltage Drift
G = 100
10 units
Figure 5. Input-Referred Offset Voltage vs Temperature
G = 1
10 units
Figure 6. Input-Referred Offset Voltage vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com