Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  35-uV Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA821 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA821 Datasheet HTML 9Page - Texas Instruments INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments INA821 Datasheet HTML 15Page - Texas Instruments INA821 Datasheet HTML 16Page - Texas Instruments INA821 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
0
2
4
6
8
10
12
14
16
18
20
100
1k
10k
100k
1M
10M
Frequency (Hz)
VS = ±15 V
VS = ±5 V
C001
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
0
5
10
15
20
25
30
35
40
Sinking current
Sourcing current
Output Current (mA)
0
2
4
6
8
10
12
14
14.4
14.5
14.6
14.7
14.8
14.9
15
40qC
25qC
85qC
125qC
Output Current (mA)
0
2
4
6
8
10
12
14
-15
-14.9
-14.8
-14.7
-14.6
-14.5
-14.4
40qC
25qC
85qC
125qC
50
100
150
200
250
300
-14
-13.8
-13.6
-13.4
-13.2
-13
-12.8
-12.6
Input Common-Mode Voltage (V)
-40°C
25°C
85°C
125°C
C126
-300
-280
-260
-240
-220
-200
-180
-160
12.5
12.7
12.9
13.1
13.3
13.5
13.7
Input Common-Mode Voltage (V)
-40°C
25°C
85°C
125°C
C127
13
INA821
www.ti.com
SBOS893 – AUGUST 2018
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
Figure 31. Offset Voltage vs Negative Common-Mode
Voltage
Figure 32. Offset Voltage vs Positive Common-Mode
Voltage
Figure 33. Positive Output Voltage Swing vs Output Current
Figure 34. Negative Output Voltage Swing vs Output Current
Figure 35. Short Circuit Current vs Temperature
Figure 36. Large-Signal Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com