Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  35-uV Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA821 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA821 Datasheet HTML 6Page - Texas Instruments INA821 Datasheet HTML 7Page - Texas Instruments INA821 Datasheet HTML 8Page - Texas Instruments INA821 Datasheet HTML 9Page - Texas Instruments INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
10
100
1K
10K
100K
G = 1
G = 10
G = 100
G= 1000
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
10
100
1K
10K
100K
G = 1
G = 10
G = 100
G= 1000
-20
-15
-10
-5
0
5
10
15
20
±10
±8
±6
±4
±2
0
2
4
6
8
10
±40
±30
±20
±10
0
10
20
30
40
Input Voltage (V)
Input Current
Output Voltage
C015
115
120
125
130
135
140
145
150
155
-50
0
50
100
150
Temperature (
ƒC)
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
C122
85
90
95
100
105
110
115
120
125
-50
0
50
100
150
Temperature (
ƒC)
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
C121
Common-Mode Rejection Ratio (uV/V)
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
100
200
300
400
500
600
700
800
10
INA821
SBOS893 – AUGUST 2018
www.ti.com
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
N = 4000
Mean = 0.04
µV/V
Std. Dev. = 0.15
µV/V
Figure 13. Typical CMRR Distribution G=100
5 typical units
G = 1
Figure 14. CMRR vs Temperature
G = 100
Figure 15. CMRR vs Temperature
Figure 16. Input Current vs Input Overvoltage
Figure 17. CMRR vs Frequency (RTI)
Figure 18. CMRR vs Frequency (RTI, 1-kΩ source
imbalance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com