Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT17VS-6DS-R Datasheet(PDF) 46 Page - Hirose Electric

Part # GT17VS-6DS-R
Description  All surface shielded construction.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT17VS-6DS-R Datasheet(HTML) 46 Page - Hirose Electric

Back Button GT17VS-6DS-R Datasheet HTML 39Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 40Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 41Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 42Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 43Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 44Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 45Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 46Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 47Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
165
GT17 Series ● For Network, High speed communication
Terminal Product No.
Terminal HRS No.
Tool No.
Tool HRS No.
GT17-2022SCF
767-0009-0
AP105-GT17-2022S
901-5083-5
GT17-2428SCF
767-0010-0
AP105-GT17-2428S
901-5084-8
GT17-30SCF
767-0064-9
AP105-GT17-30S
901-5107-1
GT17-2022PCF
767-0082-0
AP105-GT17-2022P
901-5146-3
GT17-2428PCF
767-0076-8
AP105-GT17-2428P
901-5177-7
GT8-2428SCF(70)
758-0001-8 70
AP105-GT8-2428S
901-5174-9
GT8E-2428PCF
758-0067-6
AP105-GT8E-2428P
901-5192-0
Applicator
Note1 : Crimp heights may differ depending on the cable specification, so please consult a HRS representative for assistance.
Note2 : Before purchasing Hirose tooling, please make sure that your selected cable will work with the Hirose applicator.
Note3 : Cables that are different from those specified by Hirose may not be suitable and may require modification to the applicator to obtain a
proper crimp.
Product No.
HRS No.
Tool No.
Tool HRS No.
GT8-2428SCF(70)
758-0001-8 70
GT17-4S/PR-MD
902-5109-3
Contact insert tool for GT17H-4S-2C
* This tool was designed when GT8-2428SCF(70) insert to GT17H-4S-2C.
Please do not use other contact and housing.
BCrimping tools
User manuals are available. Please ask your Hirose Electric account representative.
Item
Specification
Remarks
Press capacity
1.5Ton
Stroke
30mm
Number of strokes
200 spm (50Hz)
240spm (60Hz)
Weight
75kg
Motor
0.2kW
AC100V
Crimping speed
2000 to 4000 pcs. per hour
Part No. CM-105C
Specifications
Automatic Crimping Machine
Picture reference only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com