Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT17VS-6DS-R Datasheet(PDF) 37 Page - Hirose Electric

Part # GT17VS-6DS-R
Description  All surface shielded construction.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT17VS-6DS-R Datasheet(HTML) 37 Page - Hirose Electric

Back Button GT17VS-6DS-R Datasheet HTML 33Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 34Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 35Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 36Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 37Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 38Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 39Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 40Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 41Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
156
GT17 Series ● For Network, High speed communication
M2.6
1
34
2
GT17HN -4DP
KEY-A
KEY-A
KEY-B
KEY-C
12.3
9.8
Green
Key B
Brown
Key A
Blue
Key C
GT17HN-4DP-2H(A)
GT17HN-4DP-2H(A)(11)
Part No.
HRS No.
Material / Plating
Color
Packaging
1
Housing:PPS
Center terminal:Brass/Tin plating
Outer terminal:Copper alloy/Tin plating
GT17HN-4DP-2H(A)
767-0144-6 Brown
GT17HN-4DP-2H(B)
767-0175-0 Green
GT17HN-4DP-2H(C)
767-0176-2 Blue
YES
RoHS
Part No.
HRS No.
Material / Plating
Color
Packaging
1
Housing:PPS
Center terminal:Brass/Tin plating
Outer terminal:Copper alloy/Tin plating
GT17HN-4DP-2H(A)(11) 767-0144-6 11 Brown
GT17HN-4DP-2H(B)(11) 767-0175-0 11 Green
GT17HN-4DP-2H(C)(11) 767-0176-2 11 Blue
YES
RoHS
KEY-A
GT17HN -4DP
2
4
3
1
KEY-A
KEY-B
KEY-C
9.8
φ3
12.3
Green
Key B
Brown
Key A
Blue
Key C
4 pos. SMT Connector
With M2.6 screw flange
With 3.0 dia. hole flange
Key Variation
Key Variation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com