Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT17VS-6DS-R Datasheet(PDF) 31 Page - Hirose Electric

Part # GT17VS-6DS-R
Description  All surface shielded construction.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT17VS-6DS-R Datasheet(HTML) 31 Page - Hirose Electric

Back Button GT17VS-6DS-R Datasheet HTML 27Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 28Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 29Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 30Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 31Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 32Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 33Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 34Page - Hirose Electric GT17VS-6DS-R Datasheet HTML 35Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
150
GT17 Series ● For Network, High speed communication
■ 4 Pos. Right-angle Connectors (downward)
With lock guard
BThe product comprises 5 parts.
(Housing, insulator, outer terminal, retainer, center terminal)
● Housing
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17HN2-4DS-HU
767-0264-8
PBT / Dark Gray
1
YES
● Insulator
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17HN-4DS-2C(A)
767-0140-5
PBT / Brown
1
YES
GT17HN-4DS-2C(B)
767-0147-4
PBT / Green
GT17HN-4DS-2C(C)
767-0148-7
PBT / Blue
● Outer terminal
Part No.
HRS No.
Material / Plating or Color
Outer Diameter
Packaging
RoHS
GT17HNX-4DS-5CF
767-0179-0
Copper alloy / Tin plating
φ4.8 to 5.2
1
YES
● Retainer
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17HN2-4DS-R
767-0268-9
PBT / Dark Gray
1
YES
● Center terminal
Part No.
HRS No.
Material / Plating or Color
Conductor Size(AWG) Outer Diameter
Packaging
RoHS
GT8-2428SCF(70)
758-0001-8 70
Phosphor Bronze / Tin plating
24 to 28 AWG
φ0.8 to 1.5
10,000 pcs/reel
YES
B Mating Table
Color
Cable side connector
Board connector
SMT Type
DIP Type
Brown
GT17HN2-4DS-ASSY(Key typeA)
GT17HN-4DP-2H(A)
GT17HN-4DP-2H(A)(11)
GT17HN-4DP-2H(A)(14)
GT17HNR-4DP-2H(A)
GT17HNL-4DP-2H(A)
GT17HN-4/4DP-2H(AA)
GT17HND-4/4DP-2H(AA)
GT17HJ-4DP-2DSA
GT17HG-4DP-2DSA(A)
GT17HN-4DP-2DS(A)
GT17HNF-4DP-2DS(A)
GT17HN-4DP-2DS(A)(10)
Green
GT17HN2-4DS-ASSY(Key typeB)
GT17HN-4DP-2H(B)
GT17HN-4DP-2H(B)(11)
GT17HN-4DP-2H(B)(14)
GT17HNL-4DP-2H(B)
GT17HN-4/4DP-2H(BC)(14)
GT17HN-4/4DP-2H(BC)
GT17HG-4DP-2DSA(B)
GT17HN-4DP-2DS(B)
GT17HN-4DP-2DS(B)(10)
Blue
GT17HN2-4DS-ASSY(Key typeC)
GT17HN-4DP-2H(C)
GT17HN-4DP-2H(C)(11)
GT17HN-4DP-2H(C)(14)
GT17HNL-4DP-2H(C)
GT17HN-4/4DP-2H(BC)
GT17HN-4/4DP-2H(BC)(14)
GT17HG-4DP-2DSA(C)
GT17HN-4DP-2DS(C)
GT17HN-4DP-2DS(C)(10)
GT17HN
KEY-A
1
2
3
4
4
3
2
1 KEY-B
GT17HN
GT17HN
KEY-C
1
2
3
4
Key C
Blue
Key B
Green
Key A
Brown
Key Variation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com