Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT1-2P/S-R Datasheet(PDF) 9 Page - Hirose Electric

Part # GT1-2P/S-R
Description  Highly efficient and reliable single motion crimp termination allows high volume production with semiautomatic equipment.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT1-2P/S-R Datasheet(HTML) 9 Page - Hirose Electric

Back Button GT1-2P/S-R Datasheet HTML 5Page - Hirose Electric GT1-2P/S-R Datasheet HTML 6Page - Hirose Electric GT1-2P/S-R Datasheet HTML 7Page - Hirose Electric GT1-2P/S-R Datasheet HTML 8Page - Hirose Electric GT1-2P/S-R Datasheet HTML 9Page - Hirose Electric GT1-2P/S-R Datasheet HTML 10Page - Hirose Electric GT1-2P/S-R Datasheet HTML 11Page - Hirose Electric GT1-2P/S-R Datasheet HTML 12Page - Hirose Electric GT1-2P/S-R Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
18.15
30.55
35.55
21.3
A Configuration
Part Number
25.5
27
GT1 Series
15
Two-position type-Each Single-Conductor coaxial Cable
Part Number
CL Number
Material
Color
GT1-2S-HU(20)
751-0011-7-20
Light gray
GT1-2S-HU(20)
751-0011-7-20
PBT
Orange
GT1-2S-HU(21)
751-0011-7-21
Blue
Note: Retainer is optional.
A Configuration Part Number
CL No.
GT1-2S-33R
GT1-2S-53R
GT1-2S-55R
751-0045-9
751-0043-3
751-0044-6
Material
PBT
White
Dark gray
Light blue
o/3
o/5
o/5
o/3
o/3
o/5
Color
Cable Dia.
o/A
o/B
BGT1-2S-HU
Shown with temporarily inserted retainer
BGT1-2PP-HU
Shown with temporarily inserted retainer
Note: Mount this item after provisional insertion into the housing, or after terminal insertion.
Part Number
CL Number
Material
Color
GT1-2P/S-R
751-0013-2
PBT
Dark gray
Note 1: This item should be mounted to the GT1-2PP-HU housing after the insertion of terminals.
Note 2: Retainer is optional.
F Connectors
Housings
Retainers (Used with GT1-2S-HU)
BShown with inserted retainer
Retainer (used with GT1-2S-HU and GT1-2PP-HU)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com