Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT1-2P/S-R Datasheet(PDF) 10 Page - Hirose Electric

Part # GT1-2P/S-R
Description  Highly efficient and reliable single motion crimp termination allows high volume production with semiautomatic equipment.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT1-2P/S-R Datasheet(HTML) 10 Page - Hirose Electric

Back Button GT1-2P/S-R Datasheet HTML 6Page - Hirose Electric GT1-2P/S-R Datasheet HTML 7Page - Hirose Electric GT1-2P/S-R Datasheet HTML 8Page - Hirose Electric GT1-2P/S-R Datasheet HTML 9Page - Hirose Electric GT1-2P/S-R Datasheet HTML 10Page - Hirose Electric GT1-2P/S-R Datasheet HTML 11Page - Hirose Electric GT1-2P/S-R Datasheet HTML 12Page - Hirose Electric GT1-2P/S-R Datasheet HTML 13Page - Hirose Electric GT1-2P/S-R Datasheet HTML 14Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
GT1 Series
16
32
30.7
1
Mounting bracket
attachment side
Ground terminal
A Configuration Part Number
CL No.
GT1-2PP-33R
GT1-2PP-53R
GT1-2PP-55R
751-0042-0
751-0040-5
751-0041-8
White
Dark gray
Light blue
o/3
o/5
o/5
o/3
o/5
o/3
Color
Cable Dia.
o/A
o/B
Material
Color
White
PBT
Dark gray
Light blue
Note 1: This item should be mounted to the GT1-2PP-HU housing after the insertion of terminals.
Note 2: Retainer is optional.
Part Number
CL No.
Color
Remarks
GT1-2PP-HU(10)
751-0010-4-20
Light gray
With ground terminal
GT1-2PP-HU(10)
751-0010-4-10
Light gray
Without ground terminal
GT1-2PP-HU(20)
751-0010-4-20
Orange
With ground terminal
GT1-2PP-HU(21)
751-0010-4-21
Blue
With ground terminal
GT1-2PP-HU(40)
751-0010-4-40
Orange
Without ground terminal
GT1-2PP-HU(41)
751-0010-4-41
Blue
Without ground terminal
Note: Retainer is optional.
Item
Material
Finish
Color: Light gray
Housing
PBT
Color: Orange
Color: Blue
Ground terminal
Brass
Tin plating
17.75
14.5
8
5
1.3
1.5
5
2.8
Tin plating
BRecommended Mounting Bracket
Dimensions (T=1.5mm)
M Connectors
Housings
Retainers (Used with GT1-2PP-HU)
22.95
A Configuration
Part Number
Bracket Mounting
portion
BShown with inserted retainer
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com