Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT1-2P/S-R Datasheet(PDF) 16 Page - Hirose Electric

Part # GT1-2P/S-R
Description  Highly efficient and reliable single motion crimp termination allows high volume production with semiautomatic equipment.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT1-2P/S-R Datasheet(HTML) 16 Page - Hirose Electric

Back Button GT1-2P/S-R Datasheet HTML 12Page - Hirose Electric GT1-2P/S-R Datasheet HTML 13Page - Hirose Electric GT1-2P/S-R Datasheet HTML 14Page - Hirose Electric GT1-2P/S-R Datasheet HTML 15Page - Hirose Electric GT1-2P/S-R Datasheet HTML 16Page - Hirose Electric GT1-2P/S-R Datasheet HTML 17Page - Hirose Electric GT1-2P/S-R Datasheet HTML 18Page - Hirose Electric GT1-2P/S-R Datasheet HTML 19Page - Hirose Electric GT1-2P/S-R Datasheet HTML 20Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
27
25.5
27.7
24.6
GT1 Series
22
Products Listed Below are of the Combination Type (Two Terminals for Use with Single-Conductor Shielded
Cable + One Power Supply Terminal) with Key Positions that Differ from the Products Listed on Previous Pages
15.9
19.1
19.75
2-R1.2
12.25
0.3
Board
4-R3.05
Note1: Mates only with GT1-2/1P-DS.
Note2: Used with separate retainer.
Part Number
CL No.
Material
Color
GT1-2/1S-HU(A)(21)
751-0024-9-21
PBT
Light gray
GT1-2/1S-HU(A)(21)
751-0024-9-21
PBT
Blue
Item
Material
Finish
Color
----
Light gray
Housing
PBT
----
Blue
0.64X1.1 Terminal
Brass
Tin plating
----
Insulator
PBT
----
Dark gray
Outer terminal
Brass
Tin plating
----
Tub terminal for DS 070
Brass
Tin plating
----
Note1: Mates only with GT1-2/1S-HU(A).
Note 2: Use mounting screws of M3 with nominal diameter 3L-6 (for a panel thickness of 1.6mm)
Part Number
CL No.
Color
GT1-2/1P-DS(21)
751-0023-6-21
Light gray
GT1-2/1P-DS(21)
751-0023-6-21
Blue
F Connectors
Housings
M Connectors
Printed Circuit Board Type
BRecommended Board
Mounting Pattern
BRecommended Panel
Cut-out
18.4
MAX2
Panel
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com