Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT17VS-6DP-R Datasheet(PDF) 41 Page - Hirose Electric

Part # GT17VS-6DP-R
Description  All surface shielded construction.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT17VS-6DP-R Datasheet(HTML) 41 Page - Hirose Electric

Back Button GT17VS-6DP-R Datasheet HTML 37Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 38Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 39Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 40Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 41Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 42Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 43Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 44Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 45Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
160
GT17 Series ● For Network, High speed communication
GT17HNF-4DP-2DS(A)
Part No.
HRS No.
Color
Material / Plating
Packaging
RoHS
GT17HNF-4DP-2DS(A)
767-0236-2 00
Brown
Housing:PBT
Center terminal:Brass/Tin plating
Outer terminal:Copper alloy/Tin plating
1
YES
KEY-A
GT17H-4DP-2DSA
A
4
3
2
1
18.25
9.8
GT17HJ-4DP-2DSA
GT17HG-4DP-2DSA(A)
Part No.
HRS No.
Color
Material / Plating or Color
Packaging
RoHS
GT17HJ-4DP-2DSA
767-0160-2
Brown
Housing:PPS
Center terminal:Brass/Tin plating
Outer terminal:Copper alloy/Tin plating
1
YES
GT17HG-4DP-2DSA(A)
767-0314-4
GT17HG-4DP-2DSA(B)
767-0315-7
Green
GT17HG-4DP-2DSA(C)
767-0316-0
Blue
GT17HG-4DP-2DSA(D)
767-0317-2
Black
4-Conductor Board Connector(Straight)
Plug reverse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com