Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT17VS-6DP-R Datasheet(PDF) 44 Page - Hirose Electric

Part # GT17VS-6DP-R
Description  All surface shielded construction.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT17VS-6DP-R Datasheet(HTML) 44 Page - Hirose Electric

Back Button GT17VS-6DP-R Datasheet HTML 39Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 40Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 41Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 42Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 43Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 44Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 45Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 46Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 47Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
163
GT17 Series ● For Network, High speed communication
GT17HNS
GT17HN-16DS-2C
A
1
916
8
31.45
Part No.
GT17HNS-16DS-HU
HRS No.
767-0164-3
Material / Plating or Color
Packaging
1
PBT / Dark Gray
YES
RoHS
Part No.
GT17HN-16DS-2C
HRS No.
767-0162-8
Material / Plating or Color
Packaging
1
PBT / Light Gray
YES
RoHS
BMating Table
Color
Cable side connector
Board connector
Gray
GT17HNS-16DS-HU
GT17HN- 16DP-2H
GT17HN- 16DP-2H(10)
Part No.
GT17HNS-16DS-8CF
HRS No.
767-0165-6
Material / Plating or Color
Outer Diameter
φ7.8 to 8.2
Copper alloy / Tin plating
YES
RoHS
Packaging
1
Part No.
GT8-2428SCF(70)
HRS No.
758-0001-8 70
Material / Plating or Color
Packaging
10,000 pcs/reel
Phosphor Bronze / Tin plating
YES
RoHS
Outer Diameter
φ0.8 to 1.5
Conductor Size(AWG)
24 to 28 AWG
16 Pos. Straight Connectors
BThe product comprises 4 parts.
(Housing, insulator, outer terminal, and center terminal)
Housing
Insulator
Outer terminal
Center terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com