Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT17VS-6DP-R Datasheet(PDF) 17 Page - Hirose Electric

Part # GT17VS-6DP-R
Description  All surface shielded construction.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT17VS-6DP-R Datasheet(HTML) 17 Page - Hirose Electric

Back Button GT17VS-6DP-R Datasheet HTML 13Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 14Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 15Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 16Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 17Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 18Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 19Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 20Page - Hirose Electric GT17VS-6DP-R Datasheet HTML 21Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
136
GT17 Series ● For Network, High speed communication
Outside shield
Jacket
Drain wire
Drain wire
Signal wires
Conductive tape
Wire
Center terminal
Insulator
GT17V-10DS-HU Harness Finish
Outer terminal
Shield Cover
Housing
Retainer
*Crimp height setting tables are available for each cable type. Please contact your nearest Hirose Electric account representative.
Different cables will require different crimp height settings.
Strip the Jacket.
1
Cut the shield and intermediate material to
expose the wire and braid.
2
Bend back the drain wire over the Jacket.
3
Wrap with conductive tape.
4
Strip the wire leads.
5
Crimp the center terminals.
6
Insert the center terminals into the insulator.
7
Insert the insulator into the Outer terminal.
8
Insert the Shield Cover.
9
Fold back the Outer terminal.
10
Crimp the Outer terminal.
11
Insert the Outer terminal into the housing.
12
Insert the retainer.
13
Completion
14
BWiring Method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com