Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT5-1P/S-R Datasheet(PDF) 4 Page - Hirose Electric

Part # GT5-1P/S-R
Description  USCAR specified connector as SAE/USCAR-19
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-1P/S-R Datasheet(HTML) 4 Page - Hirose Electric

  GT5-1P/S-R Datasheet HTML 1Page - Hirose Electric GT5-1P/S-R Datasheet HTML 2Page - Hirose Electric GT5-1P/S-R Datasheet HTML 3Page - Hirose Electric GT5-1P/S-R Datasheet HTML 4Page - Hirose Electric GT5-1P/S-R Datasheet HTML 5Page - Hirose Electric GT5-1P/S-R Datasheet HTML 6Page - Hirose Electric GT5-1P/S-R Datasheet HTML 7Page - Hirose Electric GT5-1P/S-R Datasheet HTML 8Page - Hirose Electric GT5-1P/S-R Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
10
GT5 Series ● For Antenna
14.8
1 Pos. for coaxial cable
Housings
F Connectors
25
(26.35)
※
25
GT5R-1S-HU
GT5-1S-HU
*Used with separate retainer (GT5-1P/S-R),
 which is sold separately.
BShown with inserted retainer.
Retainer (Used with : GT5-1S-HU, GT5-1PP-HU, GT5N-1PP-HU, GT5H-1PP-HU)
Housing (Retainer is not required)
Part No.
HRS No.
Material
Color
Key polarizing
code
Corresponding M Connector
Housing- In-line
Corresponding M Connector
Assembly- Board Mounting Packaging RoHS
GT5-1S-HU
755-0004-7
PBT
Light Gray
Standard
GT5-1PP-HU(70)
GT5-1P-DS(70)
1
YES
GT5-1S-HU(A)
755-0037-6
Brown
(A)
GT5-1PP-HU(A)(70)
GT5-1P-DS(A)(70)
GT5-1S-HU(B)
755-0038-9
Green
(B)
GT5-1PP-HU(B)(70)
GT5-1P-DS(B)(70)
GT5-1S-HU(C)
755-0080-5
Blue
(C)
GT5-1PP-HU(C)(70)
GT5-1P-DS(C)(70)
*Mating Table(M Connectors) Prease use a matching key tipe.
Part No.
HRS No.
Material
Color
Packaging RoHS
GT5-1P/S-R
755-0006-2
PBT
Dark Gray
1
YES
Part No.
HRS No.
Material
Color
Packaging RoHS
GT5R-1S-HU
755-0047-0
PBT
Light Gray
1
YES
Standard
(A)
(B)
(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com