Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT5-1P/S-R Datasheet(PDF) 19 Page - Hirose Electric

Part # GT5-1P/S-R
Description  USCAR specified connector as SAE/USCAR-19
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-1P/S-R Datasheet(HTML) 19 Page - Hirose Electric

Back Button GT5-1P/S-R Datasheet HTML 14Page - Hirose Electric GT5-1P/S-R Datasheet HTML 15Page - Hirose Electric GT5-1P/S-R Datasheet HTML 16Page - Hirose Electric GT5-1P/S-R Datasheet HTML 17Page - Hirose Electric GT5-1P/S-R Datasheet HTML 18Page - Hirose Electric GT5-1P/S-R Datasheet HTML 19Page - Hirose Electric GT5-1P/S-R Datasheet HTML 20Page - Hirose Electric GT5-1P/S-R Datasheet HTML 21Page - Hirose Electric GT5-1P/S-R Datasheet HTML 22Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
25
GT5 Series ● For Antenna
G-1.6PCF(70)
755-0029-8 70
Brass
Tin plating
1,500 pcs/reel
YES
Part No.
21.3
14.8
13.3
2.3
2.9
ands
1
2
6.3
2.5
6.9
3
0.4
1.9
φ0.5
1.5D-2V or equivalent
Heat-shrink tubing
7
2 3.5
(2.6)
2.3
2.9
φ0.6
1.9
Lands
10.5
14.3
0.5 2
9
3.3
1
29
6.15
0.25
0.25
2.9
φ0.5
φ1.2
1.9
Lands
2.3
φ0.3
1.9
Pre-solder
5.7
7
2.8
3.5
0.7Dor
equivalent
13.6
9.8
8.55
0.5
1.5
2.6
2.8
0.25
0.15
1.9
2.4
1.8
φ0.5
φ0.9
Lands
2.3
2.9
Lands
φ0.5
37
1
φ
φ0.3
1.9
Pre-solder
7.4
0.7 3.5
0.7Dor
equivalent
RG-71/UM
or equivalent
5.5
2
8
φ0.33
3
7.3
HRS No.
Material
Plating
Packaging
Part No.
GTB-0.7CF
HRS No.
755-0075-5
Material
Plating
Packaging
Brass
Tin plating
1,500 pcs/reel
Part No.
GTE-3.7CF
HRS No.
755-0122-3
Material
Plating
Packaging
Brass
Tin plating
1,100 pcs/reel
Part No.
GTA-0.7CF
HRS No.
755-0074-2
Material
Plating
Packaging
Brass
Tin plating
1,500 pcs/reel
RoHS
YES
RoHS
YES
RoHS
YES
RoHS
BRecommended Board
Termination Pattern
BCompleted Termination cross section
BRecommended Board
Termination Pattern
BCompleted Termination cross section
BRecommended Board
Termination Pattern
BRecommended Completed
Termination cross section
BRecommended Board
Termination Pattern
BRecommended Completed
Termination cross section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com