Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT5-1P/S-R Datasheet(PDF) 13 Page - Hirose Electric

Part # GT5-1P/S-R
Description  USCAR specified connector as SAE/USCAR-19
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-1P/S-R Datasheet(HTML) 13 Page - Hirose Electric

Back Button GT5-1P/S-R Datasheet HTML 9Page - Hirose Electric GT5-1P/S-R Datasheet HTML 10Page - Hirose Electric GT5-1P/S-R Datasheet HTML 11Page - Hirose Electric GT5-1P/S-R Datasheet HTML 12Page - Hirose Electric GT5-1P/S-R Datasheet HTML 13Page - Hirose Electric GT5-1P/S-R Datasheet HTML 14Page - Hirose Electric GT5-1P/S-R Datasheet HTML 15Page - Hirose Electric GT5-1P/S-R Datasheet HTML 16Page - Hirose Electric GT5-1P/S-R Datasheet HTML 17Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
19
GT5 Series ● For Antenna
30
26.3
(31.35)
30
25
23.3
M Connectors
15.36
Housing
Mounting bracket
attachment side
Ground terminal
Retainer (Used with GT5N-2/1PP-HU and GT5-2/1PP-HU)
Part No.
HRS No.
Material
/Plating or Color
Packaging
RoHS
GT5-2/1PP-HU(70) 755-0008-8 70
Housing
:PBT/Light Gray
Ground terminal
:Phosphor bronze/Tin plating
1
YES
Note : Refer to pages 27 for panel Mounting In-line Bracket.
Part No.
HRS No.
Material
Color
Packaging
RoHS
GT5N-2/1PP-HU
755-0013-8
PBT
Light Gray
1
YES
Note : Assemble main parts with separated retainer. (GT5-2/1PP-R)
Part No.
HRS No.
Material
Color
Packaging
RoHS
GT5-2/1PP-R
755-0010-0
PBT
Dark Gray
1
YES
BShown with inserted retainer.
BRecommended Mounting Bracket  
 Dimensions
*Used with separate retainer (GT5-
1P/S-R), which is sold separately.
17.75
1.5
4.75min
5
5
8
2.8
1.3
14.5
Tin plating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com