Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLS Datasheet(PDF) 4 Page - Hirose Electric

Part # HLS
Description  Coaxial Line Stretchers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HLS Datasheet(HTML) 4 Page - Hirose Electric

  HLS Datasheet HTML 1Page - Hirose Electric HLS Datasheet HTML 2Page - Hirose Electric HLS Datasheet HTML 3Page - Hirose Electric HLS Datasheet HTML 4Page - Hirose Electric HLS Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
170
Coaxial Variable Phase Shifters
HLS Series
■Features
1.Adjustment Screw Variation Method
These coaxial phase shifters are adjusted by
turning an adjustment screw which permits
adjustment of the phase while maintaining an
impedance of 50
ø.
The adjustment screw is of the lock type and once
locked there will be no shift of phase.
2.140 mm Adjustable Length
The length of travel is 140 mm.
3.High Reliability
Stainless steel is used in the connector portion and
the gold plating guarantees high reliability.
■Product Specifications
Ratings
Frequency range
Characteristic impedance
Maximum Input Power
DC to 4.0 GHz
50
ohms
50W
Operating temperature range
Operating relative humidity
–10ç to +65ç
95% Max.
Item
Standard
Conditions
1.Insulation
2.Vibration
3.Shock
4.Temperature
resistance cycle
No electrical discontinuity of 1 μs or more
No damage, cracks, or parts dislocation
No damage, cracks, or parts dislocation
1000 M
ohms min.
50 V DC
Frequency of 10 to 55 Hz, overall amplitude of 1.5 mm
for 2 hours in each of 3 directions
Acceleration of 98 m/s2, sine half-wave waveform,
3 cycles in each of the 3 axis
Temperature: -30
ç
→+15ç to +35ç→+70ç→+15ç to +35ç
Time: 30
→15 max.→30→15 max. (Minutes)
5 cycles
●The test method conforms to MIL-STD-202.
■Materials
■Ordering Information
1
2
HLS - JJ - 2 (40)
Series Name: HLS
Connector Coupling Portion
JJ: Jack/Jack
Suffix
(40): RoHS Compliant
1
2
4
3
3
4
Part
Connector Body
Stainless steel
Gold plating
Nickel plating
Gold plating
Body
Female contact
Insulator
Brass
Beryllium copper
PTFE
----------
Material
Finish
■Specifications
Part Number
Frequency Range
(GHz)
V.S.W.R.
(Max)
Length of Travel
(mm)
Power
(W)
Weight
(g)
RoHS
HLS-JJ-2(40)
DC
~4
1.3
With an air transmission path
140
50
2
YES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com