Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLS Datasheet(PDF) 1 Page - Hirose Electric

Part # HLS
Description  Coaxial Line Stretchers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HLS Datasheet(HTML) 1 Page - Hirose Electric

  HLS Datasheet HTML 1Page - Hirose Electric HLS Datasheet HTML 2Page - Hirose Electric HLS Datasheet HTML 3Page - Hirose Electric HLS Datasheet HTML 4Page - Hirose Electric HLS Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
167
Coaxial Line Stretchers
HLS Series
■Features
1.Three Types of Adjustable Lengths
Adjustable lengths are available in these three
types: 10 mm, 37.5 mm, and 75 mm.
2.High Reliability
Stainless steel is used for the connector portion and
the gold plating high reliability.
HLS-JP-3(40)
HLS-JJ-13(40)
HLS-JJ-1(40)
HLS-JJ-11(40)
These coaxial line stretchers maintain an impedance
of 50ø while changing the length of the coaxial tube
and adjusting the phase. One type is locked after the
adjustment and another type can be used in
mechanical drive applications.
These line stretchers are well suited for use in phase
adjustment, impedance matching, and signal combining.
■Product Specifications
Ratings
Frequency range (Note)
Characteristic impedance
Maximum Input Power
DC to 10.0 GHz
50
ohms
50 W
Operating temperature range
Operating relative humidity
–10ç to +65ç
95% Max.
NOTE: The frequency range will depend on the model.
Item
Standard
Conditions
1.Vibration
2.Shock
3.Temperature cycle
No electrical discontinuity of 1 μs or more
No damage, cracks, or parts dislocation
No damage, cracks, or parts dislocation
Frequency of 10 to 55 Hz, overall amplitude of 1.5 mm
for 2 hours in each of 3 directions
Acceleration of 98 m/s2, sine half-wave waveform,
3 cycles in each of the 3 axis
Temperature: -30
ç
→+15ç to +35ç→+70ç→+15ç to +35ç
Time: 30
→15 max.→30→15 max. (Minutes)
5 cycles
●The test method conforms to MIL-STD-202.
■Materials
■Ordering Information
Part
Connector Body
Body
Coupling
Female contact
Male contact
Insulator
Coaxial tube
Lock nut
Stainless steel
Brass
Stainless steel
Beryllium copper
Brass
PTFE
UT-141A semi-rigid cable
Brass
Gold plating
Gold plating
Gold plating
Gold plating
Gold plating
----------
Gold plating
Gold plating
Material
Finish
1
2
HLS - JJ - 1 (40)
Series Name: HLS
Connector Coupling Portion
JP: Jack/Plug
JJ: Jack/Jack
Suffix
(40): RoHS Compliant
1
2
3
4
3
4
■Specifications
Part Number
Frequency Range
(GHz)
V.S.W.R.
(Max)
Length of Travel
(mm)
Power
(W)
Weight
(g)
RoHS
HLS-JP-3(40)
DC
~4
4
~8
1.20
1.25
π10
50
29
YES
HLS-JJ-1(40)
DC
~4
4
~8
1.20
1.25
π75
50
91
HLS-JJ-11(40)
DC
~4
4
~10
1.20
1.35
π75
50
91
HLS-JJ-13(40)
DC
~4
4
~10
1.20
1.35
π37.5
50
46
πWith an air transmission path


Similar Part No. - HLS

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
HLS COPAL-HLS Datasheet
557Kb / 6P
Miniature Rocker Switches
logo
Cooper Bussmann, Inc.
HLS-06 COOPER-HLS-06 Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
HLS-10 COOPER-HLS-10 Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
logo
PANDUIT CORP.
HLS-15R PANDUIT-HLS-15R Datasheet
58Kb / 1P
TAK-TY CONTINUOUS 15FT, ROLL HLS SERIES
HLS-15R0 PANDUIT-HLS-15R0 Datasheet
715Kb / 4P
Hook and Loop Cable Ties
More results

Similar Description - HLS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HLS-JP-3 HIROSE-HLS-JP-3 Datasheet
115Kb / 5P
Coaxial Line Stretchers
logo
Filtronic Compound Semi...
351 FILTRONIC-351 Datasheet
203Kb / 1P
MINIATURE, IN-LINE, COAXIAL, K CONNECTORS
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
COAXIAL CONNECTORS
logo
Tyco Electronics
024015-000 MACOM-024015-000 Datasheet
119Kb / 1P
COAXIAL PINPAK
logo
API Technologies Corp
351 APITECH-351 Datasheet
145Kb / 1P
ROTARY JOINT MINIATURE, IN-LINE, COAXIAL, K CONNECTORS
305WF APITECH-305WF Datasheet
689Kb / 2P
Coaxial In-line, TNC or TYPE-N Male and Female
logo
List of Unclassifed Man...
ISOBAR6DBS ETC2-ISOBAR6DBS Datasheet
505Kb / 5P
6 outlet, 6ft cord, 2850 joules, 2-line coaxial, 1-line tel/modem, All-metal housing Isobar Surge
TLP606RNET ETC2-TLP606RNET Datasheet
550Kb / 4P
6 Outlets, 6ft cord, 1440 Joules, 1-line rotating gold coaxial 1-line tel/modem protection - Surge Suppressor
logo
Feature Integration Tec...
PE34586LF FINTEK-PE34586LF Datasheet
299Kb / 1P
COAXIAL
logo
Data Delay Devices, Inc...
3D9950 DATADELAY-3D9950 Datasheet
219Kb / 2P
8-BIT ADJUSTABLE, COAXIAL PASSIVE DELAY LINE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com