Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLS Datasheet(PDF) 3 Page - Hirose Electric

Part # HLS
Description  Coaxial Line Stretchers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HLS Datasheet(HTML) 3 Page - Hirose Electric

  HLS Datasheet HTML 1Page - Hirose Electric HLS Datasheet HTML 2Page - Hirose Electric HLS Datasheet HTML 3Page - Hirose Electric HLS Datasheet HTML 4Page - Hirose Electric HLS Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
169
Coaxial Variable Phase Shifters
HLS Series
■Features
1.Adjustment Screw Variation Method
These coaxial phase shifters use a method in which
the adjustment screw is varied to adjust the phase.
Phase adjustments are thereby permitted without
adjusting the overall length.The adjustment screw is
of the lock type and once locked there will be no
shift of phase.
2.48 mm Adjustable Length
The length of travel is 48 mm.
HLS - JJ - 10 (40)
Part Number
HLS-JJ-10(40)
Frequency Range
(GHz)
DC
~1
1
~2
2
~4
V.S.W.R.(Max)
1.2
1.3
1.5
Insertion Loss
(dB Max)
0.3
0.4
0.5
Length of travel
(mm)
With an air
transmission path
48
Power
(W)
50
Weight
(g)
RoHS
192
YES
■Product Specifications
Ratings
Frequency range
Characteristic impedance
Maximum Input Power
DC to 4.0 GHz
50
ohms
50 W
Operating temperature range
Operating relative humidity
–10ç to +65ç
95% Max.
Item
Standard
Conditions
1.Insulation
2.Vibration
3.Shock
4.Temperature
resistance cycle
No electrical discontinuity of 1 μs or more
No damage, cracks, or parts dislocation
No damage, cracks, or parts dislocation
1,000 M
ohms min.
Frequency of 10 to 55 Hz, overall amplitude of 1.5 mm
for 2 hours in each of 3 directions
Acceleration of 98 m/s2, sine half-wave waveform,
3 cycles in each of the 3 axis
Temperature: -30
ç
→+15ç to +35ç→+70ç→+15ç to +35ç
Time: 30
→15 max.→30→15 max. (Minutes)
5 cycles
500 V DC
●The test method conforms to MIL-STD-202.
■Materials
■Ordering Information
Part
Materials
Finish
Connector Body
Stainless steel
Passivated
Body
Aluminum
----------
Female contact
Beryllium copper
Gold plating
Male contact
Beryllium copper
Gold plating
Insulator
PTFE
----------
Adjustment screw
Brass
Nickel plating
Series Name: HLS
Connector Coupling Portion
JJ: Jack/Jack
Suffix
(40): RoHS Compliant
1
2
3
4
1
2
3
4
■Specifications
■External Dimensions
(For phase adjustment)
(For fixing)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com