Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT17S-8DS-R Datasheet(PDF) 12 Page - Hirose Electric

Part # GT17S-8DS-R
Description  All surface shielded construction.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT17S-8DS-R Datasheet(HTML) 12 Page - Hirose Electric

Back Button GT17S-8DS-R Datasheet HTML 8Page - Hirose Electric GT17S-8DS-R Datasheet HTML 9Page - Hirose Electric GT17S-8DS-R Datasheet HTML 10Page - Hirose Electric GT17S-8DS-R Datasheet HTML 11Page - Hirose Electric GT17S-8DS-R Datasheet HTML 12Page - Hirose Electric GT17S-8DS-R Datasheet HTML 13Page - Hirose Electric GT17S-8DS-R Datasheet HTML 14Page - Hirose Electric GT17S-8DS-R Datasheet HTML 15Page - Hirose Electric GT17S-8DS-R Datasheet HTML 16Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
131
GT17 Series ● For Network, High speed communication
27
12
18.2
17.2
Contact
No.1
Contact
No.6
Contact
No.10
Contact
No.5
● Housing
● Insulator
● Center terminal
Used with 6,8, and 10 pos. cable
BMating Table
Color
Cable side connector
Board connector
Gray
GT17V- 10DS-HU
GT17V- 10DP-DS(70)(Cable exit direction, up side from mounting side)
GT17V-10DP-DSA(70)(Straight type)
GT17V- 10DP-DS-SB(70)(Cable exit direction, up side from mounting side)
GT17V-10DP-DSA-SB(Straight type)
Black
GT17VA- 10DS-HU
GT17VA- 10DP-DS(70)(Cable exit direction, up side from mounting side)
GT17VA- 10DP-DSA(70)(Straight type)
GT17VA- 10DP-DS-SB(70)(Cable exit direction, up side from mounting side)
GT17VA-10DP-DSA-SB(Straight type)
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17V-10DS-HU
767-0039-1
PBT / Light Gray
1
YES
GT17VA-10DS-HU
767-0040-0
PBT / Black
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17V-10DS-2C
767-0036-3
PBT / Dark Gray
1
YES
● Shield plate
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17V-10DS-SC
767-0038-9
Copper alloy / Tin plating
1
YES
● Retainer
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17V-10DS-R
767-0041-3
PBT / Dark Gray
1
YES
● Outer terminal
Part No.
HRS No.
Material / Plating or Color
Outer Diameter
Packaging
RoHS
GT17V-10DS-8CF
767-0037-6
Copper alloy / Tin plating
φ7.5 to 8
1
YES
10 Pos. Right-angle Connectors
BBy using two key codings for different purposes, incorrect insertion can be prevented.
BThe product comprises 6 parts.
(Housing, insulator, outer terminal, shield plate, retainer, and center terminal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com