Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT17S-8DS-R Datasheet(PDF) 15 Page - Hirose Electric

Part # GT17S-8DS-R
Description  All surface shielded construction.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT17S-8DS-R Datasheet(HTML) 15 Page - Hirose Electric

Back Button GT17S-8DS-R Datasheet HTML 11Page - Hirose Electric GT17S-8DS-R Datasheet HTML 12Page - Hirose Electric GT17S-8DS-R Datasheet HTML 13Page - Hirose Electric GT17S-8DS-R Datasheet HTML 14Page - Hirose Electric GT17S-8DS-R Datasheet HTML 15Page - Hirose Electric GT17S-8DS-R Datasheet HTML 16Page - Hirose Electric GT17S-8DS-R Datasheet HTML 17Page - Hirose Electric GT17S-8DS-R Datasheet HTML 18Page - Hirose Electric GT17S-8DS-R Datasheet HTML 19Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
134
GT17 Series ● For Network, High speed communication
●Right-angle type
GT17VA-10DP-DS(70)
GT17VA-10DP-DS-SB(70)
GT17VA-10DP-DSA(70)
GT17VA-10DP-DSA-SB
(with enhanced shielding type)
(with enhanced shielding type)
●Straight-type
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17VA-10DP-DSA(70) 767-0068-0 70
Housing: PBT/Black
Center terminal: Brass /Tin plating
Outer terminal: Copper alloy /Tin plating
1
YES
GT17VA-10DP-DSA-SB 767-0174-7
Housing: PBT/Black
Center terminal: Brass /Tin plating
Outer terminal: Copper alloy /Tin plating
Shield case: Brass /Tin plating
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17VA-10DP-DS(70)
767-0035-0 70
Housing: PBT/Black
Center terminal: Brass /Tin plating
Outer terminal: Copper alloy /Tin plating
1
YES
GT17VA-10DP-DS-SB(70) 767-0070-1 70
Housing: PBT/Black
Center terminale: Brass /Tin plating
Outer terminal: Copper alloy /Tin plating
Shield case: Brass /Tin plating
10 Pos. Printed Circuit Board Connectors
BBy using two key codings for different purposes, incorrect insertion can be prevented.
15
16.5
13.1
2
3
GT17VA-10DP-DS(70)
26.5
16.5
13.1
2
GT17VS-10DS-R
GT17VA-10DP-DS(70)
GT17VSA-10DS-HU
GT17VA-10DS-HU
GT17V-10DS-R
Panel
Panel
Board
Board
26.5
GT17VS-10DS-R
GT17VSA-10DS-HU
GT17VA-10DP-DSA(70)
16.5
T=1.6
13.1
2
Panel
Board
In Combination with a Right-angle Connector
(Cable Side)
In Combination with a Straight Connector
(Cable Side)
In Combination with a Straight Connector
(Cable Side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com