Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT17S-8DS-R Datasheet(PDF) 21 Page - Hirose Electric

Part # GT17S-8DS-R
Description  All surface shielded construction.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT17S-8DS-R Datasheet(HTML) 21 Page - Hirose Electric

Back Button GT17S-8DS-R Datasheet HTML 17Page - Hirose Electric GT17S-8DS-R Datasheet HTML 18Page - Hirose Electric GT17S-8DS-R Datasheet HTML 19Page - Hirose Electric GT17S-8DS-R Datasheet HTML 20Page - Hirose Electric GT17S-8DS-R Datasheet HTML 21Page - Hirose Electric GT17S-8DS-R Datasheet HTML 22Page - Hirose Electric GT17S-8DS-R Datasheet HTML 23Page - Hirose Electric GT17S-8DS-R Datasheet HTML 24Page - Hirose Electric GT17S-8DS-R Datasheet HTML 25Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
140
GT17 Series ● For Network, High speed communication
Green
Key B
Standard
Light Gray
Brown
Key A
Blue
Key C
Key Variation
1.5
0.5
0.5
1.5
0.5
1.5
0.5
1.5
1
1
1
1
BMating Table
Cable side connector
GT17H-4S-ASSY
GT17H-4S-ASSY(Key typeA)
GT17H-4S-ASSY(Key typeB)
GT17H-4S-ASSY(Key typeC)
SMT Type
DIP Type
Angle Type
Straight Type
Board connector
GT17H- 4P-2H/GT17HR-4P-2H
GT17H- 4P-2H(A)
GT17H- 4P-2H(B)
GT17H- 4P-2H(C)
GT17H- 4P-2DS
GT17H- 4P-2DS(A)
GT17H- 4P-2DS(B)
GT17H- 4P-2DS(C)
GT17H- 4P-2DSA
GT17H- 4P-2DSA(A)
GT17H- 4P-2DSA(B)
GT17H- 4P-2DSA(C)
Color
Light Gray
Brown
Green
Blue
● Insulator
● Retainer
● Outer terminal
● Center terminal
9.5
8.1
20.95
● Housing
Part No.
HRS No.
Material / Plating or Color
Packaging
Remarks
RoHS
GT17H- 4S-HU
767-0085-9
PBT / Dark Gray
1
───
YES
GT17H2- 4S-HU
767-0245-3
With lock guard
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17H-4S-2C
767-0084-6
PBT / Light Gray
1
YES
GT17H-4S-2C(A)
767-0167-1
PBT / Brown
GT17H-4S-2C(B)
767-0168-4
PBT / Green
GT17H-4S-2C(C)
767-0169-7
PBT / Blue
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17H-4S-R
767-0086-1
PBT / Dark Gray
1
YES
Part No.
HRS No.
Material / Plating or Color
Outer Diameter
Packaging
RoHS
GT17H-4S-5CF
767-0087-4
Copper alloy / Tin plating
Ø4.8 to 5.2
1
YES
Part No.
HRS No.
Material / Plating or Color
Conductor Size(AWG)
Outer Diameter
Packaging
RoHS
GT8-2428SCF(70)
758-0001-8 70 Phosphor Bronze / Tin plating
24 to 28 AWG
Ø0.8 to 1.5
10,000 pcs/reel
YES
4 pos. Right-angle Connector (1 Row type)
BThe product comprises 5 parts.
(Housing, insulator, outer terminal, retainer, center
terminal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com