Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT1-2/1PP-R Datasheet(PDF) 7 Page - Hirose Electric

Part # GT1-2/1PP-R
Description  Highly efficient and reliable single motion crimp termination allows high volume production with semiautomatic equipment.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT1-2/1PP-R Datasheet(HTML) 7 Page - Hirose Electric

Back Button GT1-2/1PP-R Datasheet HTML 3Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 4Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 5Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 6Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 7Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 8Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 9Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 10Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
24.7
14.5
For outer conductor
24
15.6
18
4.9
For inner conductor
2-
5.5
25
13.1
GT1 Series
13
Note: Mates only with GT1K-1P-DS and GT1K-1PA-DS.
* Refer to Page 14 for use of the GT1K-1P-HU retainer.
Note 1: Mates only with GT1K-1S-HU.
Note 2: Use mounting screws of M3 with nominal diameter 3L-6 (for a panel thickness of 0.16mm)
For Single-Conductor coaxial shielded cable
Part Number
CL No.
Material
Color
GT1K-1S-HU
751-0016-0
PBT
Light gray
BShown with inserted retainer
BRecommended Board
Mounting Pattern
Part Number
CL No.
Item
Material
Finish
Color
Housing
PBT
----
Light gray
Insulator
PBT
----
Dark gray
GT1K-1P-DS
751-0017-3
0.64X1.1 Terminal
Brass
Tin plating
----
Outer terminal
Brass
Tin plating
----
Cover
Stainless
Nickel
----
For outer conductor
Panel
15
For inner conductor
F Connector
Housing (Integrated retainer type)
M Connectors
Printed Circuit Board Type
(Right-angle through hole, top lock type)
Printed Circuit Board Type
(Right-angle through hole, side lock type)
BRecommended Board
Mounting Pattern
Note 1: Mates only with GT1K-1S-HU.
Note 2: Use mounting screws of M3 with nominal diameter 3L-6 (for a panel thickness of 0.16mm)
Part Number
CL No.
Item
Material
Finish
Color
Housing
PBT
----
Light gray
Insulator
PBT
----
Dark gray
GT1K-1PA-DS
751-0035-5
0.64X1.1 Terminal
Brass
Tin plating
----
Outer terminal
Brass
Tin plating
----
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com