Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT1-2/1PP-R Datasheet(PDF) 19 Page - Hirose Electric

Part # GT1-2/1PP-R
Description  Highly efficient and reliable single motion crimp termination allows high volume production with semiautomatic equipment.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT1-2/1PP-R Datasheet(HTML) 19 Page - Hirose Electric

Back Button GT1-2/1PP-R Datasheet HTML 12Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 13Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 14Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 15Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 16Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 17Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 18Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 19Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 20Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
GT1 Series
25
Automatic Crimping Machine
Item
Specification
Remarks
Specification
1.5ton
Stroke Length
30mm
Number of strokes
200spm(50Hz)
240spm(60Hz)
Weight
75kg
Motor
0.2kW
AC100V
Crimping speed
2000 to 4000 per day
Part Number CM-105
Specifications
Hand Tool
Hand Press
BTermination Tools
User's manuals are available. Please ask your Hirose Electric account representative.
*Crimp height setting tables are available for each cable type. Please contact your nearest Hirose Electric account representative.
Different cables will require different crimp height settings.
GT1-1S-2428 / 1.6C
GT1-1P-2428 / 1.6C
GT1-1S-2022 / 2.2C
GT1-1P-2022 / 2.2C
GT1-1S-2022 / 2.9C
GT1-1P-2022 / 2.9C
GT1-1S-2428 / F5C
GT1-1P-2428 / F5C
GT1-1S-30 / 1.6C
GT1-1P-30 / 1.6C
Applicator 105-GT1-1S-2428
Applicator 105-GT1-1P-2428
Applicator 105-GT1-1S-30(Stranded Wire)
Applicator 105-GT1-1S-30ID(Solid Wire)
Applicator 105-GT1-1P-30(Stranded Wire)
Applicator 105-GT1-1P-30ID(Solid Wire)
Applicator 105-GT1-2022 / 2.2S
Applicator 105-GT1-2022 / 2.2P
Applicator 105-GT1-2022 / 2.9S
Applicator 105-GT1-2022 / 2.9P
Applicator 105-GT1-2428 / F5CS(Solid Wire)
Applicator 105-GT1-2428 / F5CP(Solid Wire)
GT1-TA2428 / 1.6SHC
GT1-TA2428 / 1.6PHC
780-0001-9
780-0008-8
----
----
----
----
----
----
----
----
(Note)
GT1
Table top twin crimper
Part No.
CL No.
Applicator Part No.
Hand Tool Part No.
Hand Press Part No.
●Harness Tools
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com