Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT1-2/1PP-R Datasheet(PDF) 11 Page - Hirose Electric

Part # GT1-2/1PP-R
Description  Highly efficient and reliable single motion crimp termination allows high volume production with semiautomatic equipment.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT1-2/1PP-R Datasheet(HTML) 11 Page - Hirose Electric

Back Button GT1-2/1PP-R Datasheet HTML 7Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 8Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 9Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 10Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 11Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 12Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 13Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 14Page - Hirose Electric GT1-2/1PP-R Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
GT1 Series
17
Part Number
GT7-1618PCF
GT7-2022PCF
GT7A-2022PCF
5,000
3,000
GT7-2022SCF
GT7A-2022SCF
757-0001-1
757-0003-7
#20 to 22
#20 to 22
Part Number
CL No.
Inner Insulator
Diameter
1.4 to 2.4mm
2.6 to 3.1mm
19
Dimension A Packaging
Copper alloy
Material
Tin plating
Finish
Conductor Size
(AWG)
Note 1: Sold by the reel. (See above table for number of Packaging.)
Note 2: This component is used only with applicable HRS housings.
Note 1: Sold by the reel. (See above table for number of Packaging.)
Note 2: This component is used only with applicable HRS housings.
2.3
2.8
2.7
2.8
* Reserved for
product expansion
757-0002-4
757-0004-0
#16 to 18
#20 to 22
#20 to 22
CL No.
Inner Insulator
Diameter
1.8 to 2.7mm
1.4 to 2.4mm
2.6 to 3.1mm
Packaging
3,000
5,000
3,000
Material
Brass
Finish
Tin plating
Conductor Size
(AWG)
Power Supply Terminals
F Connector Terminals
M Connector Terminals
5,000
3,000
GT7-2022SCF
GT7A-2022SCF
757-0001-1
757-0003-7
#20 to 22
#20 to 22
Part Number
CL No.
Inner Insulator
Diameter
1.4 to 2.4mm
2.6 to 3.1mm
19
Dimension A Packaging
Copper alloy
Material
Tin plating
Finish
Conductor Size
(AWG)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com