Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT5-2P/S-R Datasheet(PDF) 9 Page - Hirose Electric

Part # GT5-2P/S-R
Description  USCAR specified connector as SAE/USCAR-19
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-2P/S-R Datasheet(HTML) 9 Page - Hirose Electric

Back Button GT5-2P/S-R Datasheet HTML 5Page - Hirose Electric GT5-2P/S-R Datasheet HTML 6Page - Hirose Electric GT5-2P/S-R Datasheet HTML 7Page - Hirose Electric GT5-2P/S-R Datasheet HTML 8Page - Hirose Electric GT5-2P/S-R Datasheet HTML 9Page - Hirose Electric GT5-2P/S-R Datasheet HTML 10Page - Hirose Electric GT5-2P/S-R Datasheet HTML 11Page - Hirose Electric GT5-2P/S-R Datasheet HTML 12Page - Hirose Electric GT5-2P/S-R Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
15
GT5 Series ● For Antenna
F Connectors
1 Pos. for coaxial cable 2 coaxial type
25
Standard
(A)
(B)
(C)
GT5-2P/S-R
25
(1.35)
41.4
30
25
21.8
4.75min
17.75
5
2.8
Tin plating
14.5
8
5
1.3
1.5
GT5-2P/S-R
GT5-2S-HU
GT5-2P/S-R
(11.4)
(1.35)
(1.35)
Housing
BShown with inserted retainer.
M Connectors
Housings[Panel Mounted Housing]
Standard
(A)
(B)
(C)
BRecommended Mounting Bracket dimensions.
BMated condition
Part No.
HRS No.
Material
Color
Key polarizing
code
Packaging
RoHS
GT5-2S-HU
755-0044-1
PBT
Light Gray
Standard
1YES
GT5-2S-HU(A)
755-0059-9
Brown
(A)
GT5-2S-HU(B)
755-0060-8
Green
(B)
GT5-2S-HU(C)
755-0097-8
Blue
(C)
Note 1 : Assemble main parts with separate retainer (GT5-2P/S-R).
Note 2 : Please use a mating F connector housing of a matching key type.
Part No.
HRS No.
Material
/Plating
Color
Key polarizing
code
Packaging
RoHS
GT5-2PP-HU(70)
755-0045-4 70
Housing
:PBT
Ground terminal
:Phosphor bronze
/Tin plating
Light Gray Standard
1
YES
GT5-2PP-HU(A)(70)
755-0063-6 70
Brown
(A)
GT5-2PP-HU(B)(70)
755-0064-9 70
Green
(B)
GT5-2PP-HU(C)(70)
755-0099-3 70
Blue
(C)
Note 1 : Assemble main parts with separate retainer (GT5-2P/S-R).
Note 2 : Please use a mating F connector housing of a matching key type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com