Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT5-2P/S-R Datasheet(PDF) 11 Page - Hirose Electric

Part # GT5-2P/S-R
Description  USCAR specified connector as SAE/USCAR-19
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-2P/S-R Datasheet(HTML) 11 Page - Hirose Electric

Back Button GT5-2P/S-R Datasheet HTML 7Page - Hirose Electric GT5-2P/S-R Datasheet HTML 8Page - Hirose Electric GT5-2P/S-R Datasheet HTML 9Page - Hirose Electric GT5-2P/S-R Datasheet HTML 10Page - Hirose Electric GT5-2P/S-R Datasheet HTML 11Page - Hirose Electric GT5-2P/S-R Datasheet HTML 12Page - Hirose Electric GT5-2P/S-R Datasheet HTML 13Page - Hirose Electric GT5-2P/S-R Datasheet HTML 14Page - Hirose Electric GT5-2P/S-R Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
17
GT5 Series ● For Antenna
Terminals for Power Supply
Terminals for F Connector
Terminals for M Connector
2.3
2.8
2.8
1.9
2.7
Note 1 : Sold in reel. (See above table for number of Packaging.)
Note 2 : This component is used only with applicable HRS housings.
Note 1 : Sold in reel. (See above table for number of Packaging.)
Note 2 : This component is used only with applicable HRS housings.
GT7-2022SCF(70)
GT7A-2022SCF(70)
757-0001-1 70
757-0003-7 70
Part No.
HRS No.
5,000 pcs/reel
3,000 pcs/reel
Material
Plating
Conductor Size (AWG)
Outer
Diameter
Packaging
Copper
alloy
Tin plating
Ø1.4 to 2.4
Ø2.6 to 3.1
YES
RoHS
GT7-2022PCF(70)
GT7A-2022PCF(70)
757-0002-4 70
757-0004-0 70
Part No.
HRS No.
5,000 pcs/reel
3,000 pcs/reel
Material
Plating
Conductor Size (AWG)
Outer
Diameter
Packaging
Brass
Tin plating
20 to 22 AWG
Ø1.4 to 2.4
Ø2.6 to 3.1
YES
RoHS
20 to 22 AWG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com