Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT5-2P/S-R Datasheet(PDF) 16 Page - Hirose Electric

Part # GT5-2P/S-R
Description  USCAR specified connector as SAE/USCAR-19
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-2P/S-R Datasheet(HTML) 16 Page - Hirose Electric

Back Button GT5-2P/S-R Datasheet HTML 12Page - Hirose Electric GT5-2P/S-R Datasheet HTML 13Page - Hirose Electric GT5-2P/S-R Datasheet HTML 14Page - Hirose Electric GT5-2P/S-R Datasheet HTML 15Page - Hirose Electric GT5-2P/S-R Datasheet HTML 16Page - Hirose Electric GT5-2P/S-R Datasheet HTML 17Page - Hirose Electric GT5-2P/S-R Datasheet HTML 18Page - Hirose Electric GT5-2P/S-R Datasheet HTML 19Page - Hirose Electric GT5-2P/S-R Datasheet HTML 20Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
22
GT5 Series ● For Antenna
36
1Pos. for coaxial cable with Waterproof type
F Connectors
Housing
15.4
8.7
Retainer (Used with GT5W-1PP-HU, GT5JW-1PP-HU, GT5W-1S-HU and GT5W-1P-HU)
Part No.
HRS No.
Material
Color
Packaging RoHS
GT5W-1S-HU
755-0027-2
PBT
Light Gray
1YES
Note : Use correct retainer.
Part No.
HRS No.
Material
/Plating or Color
Packaging RoHS
GT5W-1P/S-R
755-0028-5
Retainer
:PBT/Dark Gray
Rubber
:Silicon rubber Compound/Light Blue
1YES
Note : Outer diameter of the cable must be within
Ø2.9 to Ø3.4 mm.
*Waterproofness will depend on the cable. Please contact a Hirose Electric sales
representative for further infomation when using this product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com