Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT5-2/1PP-R Datasheet(PDF) 8 Page - Hirose Electric

Part # GT5-2/1PP-R
Description  USCAR specified connector as SAE/USCAR-19
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-2/1PP-R Datasheet(HTML) 8 Page - Hirose Electric

Back Button GT5-2/1PP-R Datasheet HTML 4Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 5Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 6Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 7Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 8Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 9Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 10Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 11Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 12Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
14
GT5 Series ● For Antenna
Standard
(A)
(B)
(C)
21.3
15.1
3
7.05
11
(32.7)
21.3
(11.4)
GT5-1S-HU
GT5-1P/S-R
(1.35)
GT5E-1P-DS(71)
5.25
13.67
For fixing pin
Ø1.3
For center
terminal
Ø1.2
For outer
terminal
2ר1.2
Panel
3
7.05
11
21.3
φ2.5
(32.7)
21.3
(11.4)
GT5-1S-HU
GT5-1P/S-R
(1.35)
Note
GT5-1P-DS
(70)
5.45
Panel
3
For center
terminal
φ1.2
For outer
terminal
2-φ1.2
2-φ3.2
Board Mounting Type
11.8
11.8
12.8
11.8
12.8
BRecommended PCB  
 Mounting Pattern
BRecommended PCB
 Mounting Pattern
BMated condition
BMated condition
Part No.
HRS No.
Material
/Plating or Color
Color
Key polarizing
code
Corresponding F
Connector Housing Packaging RoHS
GT5-1P-DS(70)
755-0007-5 70
Housing
:PBT/ー
Center terminal
:Brass/Tin plating
Insulator
:PBT/Dark Gray
Outer terminal
:Phosphor bronze/Tin plating
Light Gray Standard GT5-1S-HU
1
YES
GT5-1P-DS(A)(70)
755-0041-3 70
Brown
(A)
GT5-1S-HU(A)
GT5-1P-DS(B)(70)
755-0042-6 70
Green
(B)
GT5-1S-HU(B)
GT5-1P-DS(C)(70)
755-0083-3 70
Blue
(C)
GT5-1S-HU(C)
Note 1 : Use JIS B 1115 and 1122 class 4, nominal diameter 3, length 6 screws (for a board thickness of 1.6 mm) for the mounting screws.
Note 2 : Please use a mating F connector housing of a matching key type.
Part No.
HRS No.
Material
/Plating or Color
Corresponding F
Connector Housing Packaging RoHS
GT5EC-1P-DS(71)
755-0125-1 71
Housing
:PA/Natural
Center terminal
:Brass/Tin plating
Insulator
:PA/Black
Outer terminal
:Phosphor bronze/Tin plating
Fixing pin
:Brass/Tin plating
GT5-1S-HU
GT5R-1S-HU
1
YES
11.8
12.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com