Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT5-2/1PP-R Datasheet(PDF) 12 Page - Hirose Electric

Part # GT5-2/1PP-R
Description  USCAR specified connector as SAE/USCAR-19
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-2/1PP-R Datasheet(HTML) 12 Page - Hirose Electric

Back Button GT5-2/1PP-R Datasheet HTML 8Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 9Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 10Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 11Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 12Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 13Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 14Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 15Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 16Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
18
GT5 Series ● For Antenna
Board
13.3
0.3(distance between
PCB and panel opening)
Combinaton Type (2 Coaxials + 1 Power contact)
F Connectors
17.28
25
(26.35)
※
(GT5-2/1S-R)
Housing
Retainer (Only for GT5-2/1S-HU)
M Connectors
Board mounting type
For power
supply terminal
φ
1.4
For outside
terminal
4×φ1.2
For inner
terminal
2×φ1.2
Panel
3
5.45
2ר3.5
21.3
23.3
Part No.
HRS No.
Material
Color
Packaging
RoHS
GT5-2/1S-HU
755-0009-0
PBT
Light Gray
1
YES
Part No.
HRS No.
Material
Color
Packaging
RoHS
GT5-2/1S-R
755-0003-4
PBT
Dark Gray
1
YES
Part No.
HRS No.
Material
/Plating or Color
Packaging
RoHS
GT5-2/1P-DS(70)
755-0014-0 70
Housing
:PBT/Light Gray
Center terminal
:Brass/Tin plating
Insulator
:PBT/Dark Gray
Outer terminal
:Phosphor bronze/Tin
plating
For power supply terminal
:Brass/Tin plating
1YES
Note :
Use JIS B 1115 and 1122 class 4, nominal diameter 3, length 6 screws (for a board
thickness of 1.6 mm) for the mounting screws.
BShown with inserted retainer.
*Used with separate retainer (GT5-
1P/S-R), which is sold separately.
BRecommended Board Mounting Pattern
BRecommended Panel Cut-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com