Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT5-2/1PP-R Datasheet(PDF) 14 Page - Hirose Electric

Part # GT5-2/1PP-R
Description  USCAR specified connector as SAE/USCAR-19
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-2/1PP-R Datasheet(HTML) 14 Page - Hirose Electric

Back Button GT5-2/1PP-R Datasheet HTML 10Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 11Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 12Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 13Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 14Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 15Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 16Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 17Page - Hirose Electric GT5-2/1PP-R Datasheet HTML 18Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
20
GT5 Series ● For Antenna
35.8
31.9
9.2
3
30
21.5
14.6
8.5
25
GT5-4P/S-R
F Connectors
14.8
M Connectors
Retainer (Only for GT5-4S-HU and GT5N-4PP-HU)
1 Pos. for coaxial cable 4 coaxials type
Part No.
HRS No.
Material
Color
Packaging RoHS
GT5-4S-HU
755-0056-0
PBT
Light Gray
1
YES
Note : Assemble main parts with separated retainer GT5-4P/S-R.
Part No.
HRS No.
Material
Color
Packaging
RoHS
GT5N-4PP-HU
755-0057-3
PBT
Light Gray
1
YES
Note 1 : The product should be used with a low-force insertion/withdrawal M connector terminal.
Note 2 : Assemble main parts with separated retainer GT5-4P/S-R.
Part No.
HRS No.
Material
Color
Packaging
RoHS
GT5-4P/S-R
755-0058-6
PBT
Dark Gray
1
YES
BShown with inserted retainer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com