Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCWN06 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # SCWN06
Description  6W DIP Package DC-DC Regulated Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCWN06 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  SCWN06 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCWN06 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCWN06 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SCWN06 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPECIFICATION
SAFETY &
WITHSTAND VOLTAGE
SAFETY STANDARDS
ISOLATION RESISTANCE
Conducted
EN55032(CISPR32)
Radiated
ESD
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
Radiated Susceptibility
EFT/Burest
Surge
Conducted
Magnetic Field
1800Khrs MIL-HDBK-217F(25
)
℃
31.8*20.3*10.2mm (1.25*0.8*0.4 inch)
EN55032(CISPR32)
EMC EMISSION
VOLTAGE RANGE
SURGE VOLTAGE (100ms max.)
FILTER
PROTECTION (Typ.)
INTERNAL POWER DISSIPATION
VOLTAGE ACCURACY
RATED POWER
SHORT CIRCUIT
OVERLOAD
INPUT
OUTPUT
PROTECTION
ENVIRONMENT
WORKING TEMP.
CASE TEMPERATURE
WORKING HUMIDITY
COOLING
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
SOLDERING TEMPERATURE
12Vin models : 25Vdc ; 24Vin models : 50Vdc ; 48Vin models : 100Vdc
A: 9~18Vdc , B: 18~36Vdc , C: 36~72Vdc
Pi type
±1.5%
6W
50mVp-p
±0.5%
-40 ~ +
(Refer to "Derating Curve")
90
℃
+100
max.
℃
20% ~ 90% RH non-condensing
Free-air convection
-40 ~ +100
, 10 ~ 95%
℃
RH non-condensing
0.03% /
(0 ~ 90
)
℃℃
1.5mm from case of 1 ~ 3sec./260
max.
℃
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
I/P-O/P:3KVDC
EAC TP TC 004 approved
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
℃
250pF
500mW
Fuse recommended. 12Vin models: 1.6A Fast-Acting Type, 24Vin models: 1A Fast-Acting Type, 48Vin models: 0.5A Fast-Acting Type
100KHz
Protection type : Continuous, automatic recovery
120 ~ 250% rated output power
Single output models:
0.5%, Dual output models:
1%
±±
UNDER VOLTAGE LOCKOUT
Start-up voltage
Shutdown voltage
12Vin: 8Vdc,
24Vin: 16Vdc, 48Vin: 31Vdc
12Vin: 8.8Vdc, 24Vin: 17Vdc, 48Vin: 34Vdc
Parameter
Standard
Parameter
Standard
Test Level / Note
Test Level / Note
MTBF (Typ.)
DIMENSION (L*W*H)
EMC IMMUNITY
OTHERS
CASE MATERIAL
Non-Conductive black plastic (UL 94V-0 rated)
PACKING
12.5g
NOTE
1.All parameters are specified at normal input(A:12Vdc, B:24Vdc, C:48Vdc), rated load, 25 70% RH ambient.
℃
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1 f & 47 f capacitor.
μμ
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 10% to 100% rated load for SCWN06, 25% to 100% rated load for DCWN06.
5.The final equipment must be re-confirm that it still meet EMC directives. For guidance on how to perform these EMC tests, please
refer to “EMI testing of component power supplies.”(as available on http://www.meanwell.com)
File Name:SCWN06,DCWN06-SPEC 2018-03-01
6W DIP Package DC-DC Regulated Converter
SCWN06 & DCWN06 series
RIPPLE & NOISE
Note.2
LINE REGULATION Note.3
LOAD REGULATION Note.4
SWITCHING FREQUENCY (Min.)
Protection type : Recovers automatically after fault condition is removed
ISOLATION CAPACITANCE (Typ.)
EMC
(5)
Note.
N/A
Class A
Level 2, 3V/m
Level 2,
8KV air,
4KV contact
±±
Level 2, 3V(e.m.f.)
Level 1, 0.5KV Line-Line
Level 1, 0.5KV
Level 2, 3A/m



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com