Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCWN06 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SCWN06
Description  6W DIP Package DC-DC Regulated Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCWN06 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SCWN06 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCWN06 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCWN06 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SCWN06 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
■ Model Encoding
DIP24 package with industry standard pinout
2:1 wide input range
Operating temperature range -40 ~ +90℃
No minimum load required
Comply to EN55032 radiated Class A without additional
components
High efficiency up to 87%
Protections: Short circuit (Continuous) / Overload /
Input under voltage
3KVDC I/O isolation
3 years warranty
■ Features
File Name:SCWN06,DCWN06-SPEC 2018-03-01
■ Applications
■ Description
S
and D
series are W isolated and
module type DC-DC converter with IP
CWN06
CWN06
6
regulated
D 24
package. It features international standard pins, a high efficiency up to 8 %,
working temperature
7
wide
range -40~+, KVDC I/P-O/P isolation voltage,
90
3
Compliance to EN55032 radiated Class A without
℃
additional components
additional components,
, continuous-mode short circuit protection, etc. The
models
account for different input voltage
and various output
9~18V, 18~36V and 36~72V 2:1 wide input range,
voltage, . /5V/12V/15V
single output and ±5V/±12V/±15V
dual outputs, which are suitable for all
3 3V
for
for
kinds of systems, uch as industrial control, telecommunication field, distributed power architecture, and
s
so on.
Output voltage (3 3 5
5
. / / /
± /± /±
12 15Vdc
12 15Vdc)
,
Rated wattage
Input voltage (
)
A: 9~18Vdc B: 18~36Vdc C: 36~72Vdc
,,
Series name
- 12
S CWN06 A
S:Single output
D:Dual output
{
6W DIP Package DC-DC Regulated Converter
SCWN06 & DCWN06 series
Telecom datacom system
/
Wireless network
Industrial control facility
Instrument
Analyzer
Detector
Data switch


Similar Part No. - SCWN06

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCWN06W8 MEANWELL-SCWN06W8 Datasheet
259Kb / 6P
6W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
2025-07-17
SCWN06W8-03 MEANWELL-SCWN06W8-03 Datasheet
259Kb / 6P
6W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
2025-07-17
SCWN06W8-05 MEANWELL-SCWN06W8-05 Datasheet
259Kb / 6P
6W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
2025-07-17
SCWN06W8-12 MEANWELL-SCWN06W8-12 Datasheet
259Kb / 6P
6W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
2025-07-17
SCWN06W8-15 MEANWELL-SCWN06W8-15 Datasheet
259Kb / 6P
6W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
2025-07-17
More results

Similar Description - SCWN06

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW06 MINMAX-MIW06 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIWI06 MINMAX-MIWI06 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
logo
Delta Electronics, Inc.
DJ06S DELTA-DJ06S Datasheet
210Kb / 4P
6W DC/DC CONVERTER, DIP-Package, High Isolation
DU06S DELTA-DU06S Datasheet
215Kb / 4P
6W DC/DC CONVERTER, DIP-Package, High Isolation
DU06S1205A DELTA-DU06S1205A Datasheet
216Kb / 5P
6W DC/DC CONVERTER, DIP-Package, High Isolation
logo
Minmax Technology Co., ...
MGWI06 MINMAX-MGWI06_15 Datasheet
487Kb / 4P
DC/DC CONVERTER 6W, DIP Package
MIW06 MINMAX-MIW06_15 Datasheet
652Kb / 5P
DC/DC CONVERTER 6W, DIP-Package
MIWI06 MINMAX-MIWI06_15 Datasheet
631Kb / 5P
DC/DC CONVERTER 6W, DIP-Package
logo
Mean Well Enterprises C...
SPBW06 MEANWELL-SPBW06 Datasheet
119Kb / 5P
6W SIP Package DC-DC Regulated Converter
MDS06 MEANWELL-MDS06 Datasheet
94Kb / 5P
6W DIP Package DC-DC Medical Grade Regulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com