Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCWN06 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SCWN06
Description  6W DIP Package DC-DC Regulated Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCWN06 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SCWN06 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCWN06 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCWN06 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SCWN06 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
SCWN06A-03
SCWN06B-03
SCWN06C-03
SCWN06A-05
SCWN06B-05
SCWN06C-05
SCWN06A-12
SCWN06B-12
SCWN06C-12
SCWN06A-15
SCWN06B-15
SCWN06C-15
DCWN06A-05
DCWN06B-05
DCWN06C-05
DCWN06A-12
DCWN06B-12
DCWN06C-12
DCWN06A-15
DCWN06B-15
DCWN06C-15
Normal 12V
(9 ~ 18V)
Normal 24V
(18 ~ 36V)
Normal 48V
(36 ~ 72V)
3.3V
3.3V
3.3V
15V
±
15V
±
15V
±
5V
5V
5V
12V
12V
12V
15V
15V
15V
5V
±
5V
±
5V
±
12V
±
12V
±
12V
±
429mA
209mA
104mA
600mA
291mA
291mA
144mA
514mA
251mA
126mA
600mA
148mA
600mA
291mA
148mA
514mA
291mA
126mA
600mA
254mA
148mA
5mA
4mA
2mA
18mA
10mA
10mA
5mA
5mA
3mA
10mA
7mA
6mA
15mA
8mA
5mA
10mA
8mA
8mA
10mA
8mA
12mA
1200mA
1200mA
1200mA
1000mA
1000mA
1000mA
500mA
500mA
500mA
400mA
400mA
400mA
0 ~ 500mA
±
0 ~ 500mA
±
0 ~ 500mA
±
0 ~ 250mA
±
0 ~ 250mA
±
0 ~ 250mA
±
0 ~ 200mA
±
0 ~ 200mA
±
0 ~ 200mA
±
77%
81%
79%
79%
85%
87%
83%
82%
83%
84%
86%
86%
80%
86%
86%
83%
82%
83%
84%
86%
85%
4700 F
μ
4700 F
μ
4700 F
μ
4700 F
μ
4700 F
μ
4700 F
μ
4700 F
μ
4700 F
μ
4700 F
μ
4700 F
μ
4700 F
μ
4700 F
μ
*2200 F
μ
*2200 F
μ
*2200 F
μ
*2200 F
μ
*2200 F
μ
*2200 F
μ
*2200 F
μ
*2200 F
μ
*2200 F
μ
File Name:SCWN06,DCWN06-SPEC 2018-03-01
6W DIP Package DC-DC Regulated Converter
SCWN06 & DCWN06 series
EFFICIENCY
(TYP.)
* For each output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com