Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX9268A Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APX9268A
Description  Single-Phase Full-Wave Motor Driver for Silent Fan Motor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9268A Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APX9268A Datasheet HTML 1Page - Anpec Electronics Coropration APX9268A Datasheet HTML 2Page - Anpec Electronics Coropration APX9268A Datasheet HTML 3Page - Anpec Electronics Coropration APX9268A Datasheet HTML 4Page - Anpec Electronics Coropration APX9268A Datasheet HTML 5Page - Anpec Electronics Coropration APX9268A Datasheet HTML 6Page - Anpec Electronics Coropration APX9268A Datasheet HTML 7Page - Anpec Electronics Coropration APX9268A Datasheet HTML 8Page - Anpec Electronics Coropration APX9268A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Nov., 2016
APX9268A
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
•
Single Phase Full Wave Fan Driver
•
Silent Driver (45dB Gian for Low Noise)
•
Low Supply Current
•
Built-In Lock Protection and Auto Restart Function
(External Capacitor Unnecessary)
•
FG Output
•
Include Hall Bias Circuit
•
Built-In Thermal Protection Circuit
•
Lead Free and Green Devices Available
(RoHS Compliant)
•
Design Reference for AEC-Q100 Grade3
Compliant
•
Motor Drivers For Silent Fan Motors
The APX9268A is a single phase full wave motor driver
for DC fan motor. The output signal of this IC is the ampli-
fied hall input signal. It is suitable for both game machine
and CPU cooler that need silent drivers. The device is
built-in lock protection. When fan is locked, the device will
enter the lockup protection mode. It is also with thermal
shutdown function. In normal operation, the supply cur-
rent is less than 5mA. The APX9268A is available in MSOP-
8 package.
Features
General Description
Applications
Ordering and Marking Information
Pin Configuration
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines
“Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
MSOP-8
IN+ 2
HB 3
IN- 4
OUT2 1
5 FG
6 VCC
7 OUT1
8 GND
APX9268A
Package Code
X : MSOP-8
Temperature Range
I : -40 to 105
oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Handling Code
Temperature Range
Package Code
XXXXX - Date Code
APX9268A X :
Assembly Material
9268A
XXX
XX


Similar Part No. - APX9268A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9268 ANPEC-APX9268 Datasheet
245Kb / 13P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9268XI-TRG ANPEC-APX9268XI-TRG Datasheet
245Kb / 13P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9268XI-TRL ANPEC-APX9268XI-TRL Datasheet
245Kb / 13P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
More results

Similar Description - APX9268A

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6908F ROHM-BA6908F_1 Datasheet
232Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Eutech Microelectronics...
EUM6179 EUTECH-EUM6179 Datasheet
260Kb / 11P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Anpec Electronics Corop...
APX9267 ANPEC-APX9267 Datasheet
280Kb / 12P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9266 ANPEC-APX9266 Datasheet
291Kb / 14P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9268 ANPEC-APX9268 Datasheet
245Kb / 13P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
logo
Diodes Incorporated
AM9789 DIODES-AM9789 Datasheet
622Kb / 18P
Single Phase Full-wave Motor Driver for Silent Fan Motor
Rev 1
logo
Anpec Electronics Corop...
APX9258 ANPEC-APX9258 Datasheet
947Kb / 18P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9275 ANPEC-APX9275 Datasheet
245Kb / 16P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9275A ANPEC-APX9275A Datasheet
245Kb / 16P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9277 ANPEC-APX9277 Datasheet
214Kb / 15P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com